Electronic Components Datasheet Search
  English  ▼

X  

DS2906SZ Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # DS2906SZ
Description  Rectifier Diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DS2906SZ Datasheet(HTML) 6 Page - Dynex Semiconductor

  DS2906SZ Datasheet HTML 1Page - Dynex Semiconductor DS2906SZ Datasheet HTML 2Page - Dynex Semiconductor DS2906SZ Datasheet HTML 3Page - Dynex Semiconductor DS2906SZ Datasheet HTML 4Page - Dynex Semiconductor DS2906SZ Datasheet HTML 5Page - Dynex Semiconductor DS2906SZ Datasheet HTML 6Page - Dynex Semiconductor DS2906SZ Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6/7
www.dynexsemi.com
DS2906SZ
PACKAGE DETAILS
For further package information, please contact your nearest Customer Service Centre. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
Ø151 max
Ø100
Ø100
Ø148 max
Holes Ø3.6 ± 0.5 x 2.0 deep
(One in each electrode)
Cathode
Anode
Nominal weight: 2800g
Clamping force: 83kN ±10%
Package outline type code: Z



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com