Electronic Components Datasheet Search
  English  ▼

X  

2SB1184 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SB1184
Description  PNP Plastic Encapsulated Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SB1184 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SB1184 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SB1184
-3A , -60V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
22-Oct-2012 Rev. B
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
3
Emitter
Collector
2
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Designed for general
Low VCE(sat)
CLASSIFICATION OF hFE
Product-Rank
2SB1184-P
2SB1184-Q
2SB1184-R
Range
82~180
120~270
180~390
PACKAGE INFORMATION
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current -Continuous
IC
-3
A
Collector Power Dissipation
PC
1
W
Junction and Storage Temperature Range
TJ ,TSTG
150 , -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
-60
-
-
V
IC= -50µA, IE=0
Collector-emitter breakdown voltage
V (BR)CEO
-50
-
-
V
IC= -1mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
-5
-
-
V
IE= -50µA, IC=0
Collector cut-off current
ICEO
-
-
-1
µ
A
VCB= -40V, IE=0
Emitter cut-off current
IEBO
-
-
-1
µ
A
VEB= -4V, IC=0
DC current gain
hFE
82
-
390
VCE= -3V, IC= -0.5A
Collector-emitter saturation voltage
VCE(sat)
-
-
-1
V
IC= -2A, IB= -200mA
Base-emitter saturation voltage
VBE(sat)
-
-
-1.2
V
IC= -1.5A, IB= -150mA
Transition frequency
fT
-
70
-
MHz
VCE= -5V, IC= -500mA,
fT=30MHz
Collector output capacitance
Cob
-
50
-
pF
VCB= -10V, f=1MHz, IE=0
Package
MPQ
Leader Size
TO-252
2.5K
13 inch
A
C
D
N
O
P
G E
F
H
K
J
M
B
D-Pack (TO-252)
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
6.35
6.8
J
2.30 REF.
B
5.20
5.50
K
0.64
0.90
C
2.15
2.40
M
0.50
1.1
D
0.45
0.58
N
0.9
1.65
E
6.8
7.5
O
0
0.15
F
2.40
3.0
P
0.43
0.58
G
5.40
6.25
H
0.64
1.20


Similar Part No. - 2SB1184

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1184 ROHM-2SB1184 Datasheet
129Kb / 3P
Power Transistor (-60V, -3A)
2SB1184 ROHM-2SB1184 Datasheet
244Kb / 3P
Power Transistor (-60V, -3A)
2SB1184 ROHM-2SB1184 Datasheet
95Kb / 4P
Power Transistor (−60V, −3A)
logo
Guangdong Kexin Industr...
2SB1184 KEXIN-2SB1184 Datasheet
39Kb / 1P
Power transistor
logo
Rohm
2SB1184 ROHM-2SB1184 Datasheet
172Kb / 4P
Power Transistor (-60V, -3A)
More results

Similar Description - 2SB1184

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
KSA539 SECOS-KSA539 Datasheet
71Kb / 1P
PNP Plastic Encapsulated Transistor
KTA1266 SECOS-KTA1266 Datasheet
69Kb / 1P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com