Electronic Components Datasheet Search
  English  ▼

X  

DC95F103Z Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DC95F103Z
Description  Thermometrics Thermistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DC95F103Z Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DC95F103Z Datasheet HTML 1Page - List of Unclassifed Manufacturers DC95F103Z Datasheet HTML 2Page - List of Unclassifed Manufacturers DC95F103Z Datasheet HTML 3Page - List of Unclassifed Manufacturers DC95F103Z Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
920-273C
© 2011 General Electric Company. All Rights Reserved. Specifications are subject to change without notice. GE is a registered trademark of General Electric Company. Other company or product
names mentioned in this document may be trademarks or registered trademarks of their respective companies, which are not affiliated with GE.
www.ge-mcs.com
Type TK95 Specifications
Insulated Lead NTC Interchangeable
Thermistor Chip
Epoxy-coated, NTC interchangeable thermistor chips
with PTFE insulated nickel lead-wires.
Options
Consult Factory for Availability of Options
• Other resistance values in the range of
1000 Ω to 100 kΩ
• Other tolerances or ranges
• Alternative lead wires or lengths
• Non standard R vs T curves
• Controlled dimensions
• Special sensor assemblies or enclosures
Thermal and Electrical Properties
Dissipation Constant
Still air:
1 mW/°C
Stirred oil:
8 mW/°C
Thermal Time Constant
Still air:
10 seconds
Stirred oil:
1 second
Maximum Power at 77°F (25°C)
75 mW
De-rated from 100% at 77°F (25°C) to 0% at 212°F (100°C)
Ø 0.01 in
(0.25 mm)
±0.001
Ø 0.025 in
(0.65 mm)
maximum
0.27 in
(7 mm)
maximum
Ø 0.094 in
(2.4 mm)
maximum
Ø 0.094 in
(2.4 mm)
maximum
Ordering Information
Select appropriate part number below for resistance and
temperature tolerance desired.
R25°C
Material
System
S 32°F to 158°F
(0°C to 70°C)
±0.18°F (±0.1°C)
32°F to 158°F
(0°C to 70°C)
±0.36°F (±0.2°C)
32°F to 212°F
(0 to 100°C)
±0.36°F (±0.2°C)
2000
F
TK95F202V
TK95F202W
TK95F202Z
2252
F
TK95F232V
TK95F232W
TK95F232Z
3000
F
TK95F302V
TK95F302W
TK95F302Z
5000
F
TK95F502V
TK95F502W
TK95F502Z
10000
F
TK95F103V
TK95F103W
TK95F103Z
10000
Y
TK95Y103V
TK95Y103W
TK95Y103Z
30000
H
TK95H303V
TK95H303W
TK95H303Z
50000
G
TK95G503V
TK95G503W
TK95G503Z
100000 G
TK95G104V
TK95G104W
TK95G104Z
NTC Interchangeable Type TK95 dimensions
0.195 in (5 mm) ±0.04
3 in (76 mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com