Electronic Components Datasheet Search
  English  ▼

X  

48SC004 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 48SC004
Description  Speaker Mounting Clip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

48SC004 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  48SC004 Datasheet HTML 1Page - List of Unclassifed Manufacturers 48SC004 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dimensions: mm (In.)
Speaker Mounting Clip
48SC004
Available from Mouser Electronics
1-800-346-6873
www.mouser.com
EPD-200265
Date Last Revised: 8-31-05
MATERIAL SPECIFICATIONS
Spring grade steel:
1/8" slotted hole:
For use with:
Thickness:
w/zinc plating
Metric 3mm or #4 screw
Round or oval speakers
0.035"
8.48
(.334)
2.50
(.098)
5
(.177)
3
(.118)
9.40
(.370)
5
(.177)
11.43
(.452)
70˚
(R.167)
15
(.59)
135˚
70˚
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.


Similar Part No. - 48SC004

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
48S12.500 ETC-48S12.500 Datasheet
111Kb / 4P
6 Watt Single Series DC/DC Converters
3/2001
48S12.500EC ETC-48S12.500EC Datasheet
338Kb / 6P
6 Watt EC Single Series DC/DC Converters
48S15.400 ETC-48S15.400 Datasheet
111Kb / 4P
6 Watt Single Series DC/DC Converters
3/2001
48S15.400EC ETC-48S15.400EC Datasheet
338Kb / 6P
6 Watt EC Single Series DC/DC Converters
48S5.1000 ETC-48S5.1000 Datasheet
111Kb / 4P
6 Watt Single Series DC/DC Converters
3/2001
More results

Similar Description - 48SC004

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0089002100 MOLEX3-0089002100 Datasheet
213Kb / 4P
Mounting Clip 100
0089002027 MOLEX3-0089002027 Datasheet
213Kb / 4P
Mounting Clip 100
0089002022 MOLEX3-0089002022 Datasheet
213Kb / 4P
Mounting Clip 100
0089002103 MOLEX3-0089002103 Datasheet
213Kb / 4P
Mounting Clip 100
logo
Bud Industries, Inc.
DNC-4796 BUD-DNC-4796 Datasheet
94Kb / 2P
DIN RAIL MOUNTING CLIP
logo
Vincotech
10-F006PPA006SB-M682B VINCOTECH-10-F006PPA006SB-M682B Datasheet
3Mb / 31P
Clip in PCB mounting
10-F006PPA020SB01-M685B10 VINCOTECH-10-F006PPA020SB01-M685B10 Datasheet
620Kb / 30P
Clip in PCB mounting
10-F006PPA020SB-M685B VINCOTECH-10-F006PPA020SB-M685B Datasheet
3Mb / 30P
Clip in PCB mounting
V23990-P638-A40-PM VINCOTECH-V23990-P638-A40-PM Datasheet
2Mb / 23P
Clip-in PCB mounting
logo
Pepperl+Fuchs Inc.
VAZ-2FK-CL2 PF-VAZ-2FK-CL2 Datasheet
110Kb / 1P
Mounting clip
2007-12-19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com