Electronic Components Datasheet Search
  English  ▼

X  

BAP51W Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BAP51W
Description  Small Signal General Purpose PiN Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BAP51W Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BAP51W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BAP51W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
BAP51W-02
Small Signal General Purpose PiN Diode
23-Jan-2014 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
E
F
B
C
D
A
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low Diode Capacitance
Low Diode Forward Resistance
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-523
8K
7 inch
MAXIMUM RATINGS (Single diode @ T
A = 25°C)
Parameter
Symbol
Ratings
Unit
Continuous Reverse Voltage
VR
60
V
Continuous Forward Current
IF
50
mA
Power Dissipation (TA = 90°C)
715
Power Dissipation
PD
150
mW
Thermal Resistance from Junction to
soldering point
RθJS
85
°C / W
Junction, Storage Temperature
TJ, TSTG
-55 ~ +150
°C
ELECTRICAL CHARACTERISTICS (at Ta = 25°C unless otherwise specified)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Continuous Reverse Voltage
VR
50
-
-
V
IR = 10µA
Forward Voltage
VF
-
-
1.1
V
IF = 50mA
Reverse Current
IR
-
-
100
nA
VR = 50V
CD1
1
-
0.4
-
VR = 0, f =1MHz
CD2
-
-
0.55
VR = 1, f =1MHz
Diode Capacitance
CD3
-
-
0.35
pF
VR = 5 V, f =1MHz
-
-
9
IF = 0.5 mA, f =100 MHz
-
-
6.5
IF = 1 mA, f =100 MHz
Diode Forward Resistance
1
rD
-
-
2.5
Ω
IF = 10 mA, f =100 MHz
Note:
1. Guaranteed on AQL basis: inspection level S4,AQL 1.0
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.50
1.70
D
-
-
B
0.75
0.85
E
0.25
0.35
C
0.70
0.50
F
0.07
0.17
SOD-523
A5


Similar Part No. - BAP51W

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAP51W-02 SECOS-BAP51W-02 Datasheet
140Kb / 2P
Small Signal General Purpose PiN Diode
BAP51W SECOS-BAP51W_15 Datasheet
140Kb / 2P
Small Signal General Purpose PiN Diode
More results

Similar Description - BAP51W

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BAP64-05 SECOS-BAP64-05 Datasheet
189Kb / 2P
Small Signal General Purpose Pin Diode
BAP64-05W SECOS-BAP64-05W Datasheet
191Kb / 2P
Small Signal General Purpose Pin Diode
BAP50-03 SECOS-BAP50-03 Datasheet
318Kb / 2P
Small Signal General Purpose PiN Diode
BAP50W SECOS-BAP50W Datasheet
160Kb / 2P
Small Signal General Purpose PiN Diode
BAP64W SECOS-BAP64W Datasheet
141Kb / 2P
Small Signal General Purpose PiN Diode
BAP50W SECOS-BAP50W_15 Datasheet
160Kb / 2P
Small Signal General Purpose PiN Diode
BAP64W SECOS-BAP64W_15 Datasheet
141Kb / 2P
Small Signal General Purpose PiN Diode
BAP64WS SECOS-BAP64WS_15 Datasheet
140Kb / 2P
Small Signal General Purpose PiN Diode
BAP51W-02 SECOS-BAP51W-02 Datasheet
140Kb / 2P
Small Signal General Purpose PiN Diode
logo
SEC Electronics Inc.
BAP64W-04 SECELECTRONICS-BAP64W-04 Datasheet
141Kb / 2P
Small Signal General Purpose PiN Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com