Electronic Components Datasheet Search
  English  ▼

X  

DSF20545SF42 Datasheet(PDF) 2 Page - Dynex Semiconductor

Part # DSF20545SF42
Description  Fast Recovery Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

DSF20545SF42 Datasheet(HTML) 2 Page - Dynex Semiconductor

  DSF20545SF42 Datasheet HTML 1Page - Dynex Semiconductor DSF20545SF42 Datasheet HTML 2Page - Dynex Semiconductor DSF20545SF42 Datasheet HTML 3Page - Dynex Semiconductor DSF20545SF42 Datasheet HTML 4Page - Dynex Semiconductor DSF20545SF42 Datasheet HTML 5Page - Dynex Semiconductor DSF20545SF42 Datasheet HTML 6Page - Dynex Semiconductor DSF20545SF42 Datasheet HTML 7Page - Dynex Semiconductor DSF20545SF42 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DSF20545SF
2/8
SURGE RATINGS
Conditions
Max.
Units
16
kA
1280 x 103
A
2s
I
2t for fusing
I
2t
Surge (non-repetitive) forward current
I
FSM
Parameter
Symbol
10ms half sine; with 0% V
RRM, Tj = 150
oC
12.8
kA
819.2 X 103
A
2s
I
2t for fusing
I
2t
Surge (non-repetitive) forward current
I
FSM
10ms half sine; with 50% V
RRM, Tj = 150
oC
-kA
-A
2s
I
2t for fusing
I
2t
Surge (non-repetitive) forward current
I
FSM
10ms half sine; with 100% V
RRM, Tj = 150
oC
THERMAL AND MECHANICAL DATA
dc
Conditions
Max.
Units
oC/W
-
0.032
Anode dc
Clamping force 15kN
with mounting compound
Thermal resistance - case to heatsink
R
th(c-h)
0.004
Double side
-
Single side
Thermal resistance - junction to case
R
th(j-c)
Single side cooled
Symbol
Parameter
-
0.008
oC/W
oC/W
Cathode dc
-
0.032
oC/W
Double side cooled
-
0.022
oC/W
T
stg
Storage temperature range
-55
150
oC
kN
21.5
17.5
Clamping force
-
T
vj
Virtual junction temperature
On-state (conducting)
-
150
oC
Min.
t
rr
50
Symbol
Typ.
Units
Parameter
V
FM
Forward voltage
I
RRM
Peak reverse current
Reverse recovery time
Q
RA1
Recovered charge (50% chord)
I
RM
Reverse recovery current
K
Soft factor
V
TO
Threshold voltage
r
T
Slope resistance
V
FRM
Forward recovery voltage
di/dt = 1000A/
µs, T
j = 125
oC
-
160
V
At T
vj = 150
oC
-
0.47
m
Ω
At T
vj = 150
oC
-
1.36
V
1.8
-
-
-
400
A
-
1250
µC
-
7.0
µs
At V
RRM, Tcase = 150
oC-
mA
At 1800A peak, T
case = 25
oC
-
2.1
V
Conditions
Max.
I
F = 1000A, diRR/dt = 100A/µs
T
case = 150
oC, V
R = 100V
CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com