Electronic Components Datasheet Search
  English  ▼

X  

BC807W Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC807W
Description  PNP Plastic Encapsulate Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC807W Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC807W Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC807W Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC807W Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BC807 -16W, -25W, -40W
-500 mA, -50 V
PNP Plastic Encapsulate Transistor
Elektronische Bauelemente
28-Jul-2010 Rev. F
Page 1 of 3

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Ideally suited for automatic insertion
Epitaxial planar die construction
Complementary to BC817W
PACKAGE INFORMATION
Weight: 0.0074 g (approximately)
MARKING
BC807-16W:
5A
BC807-25W:
5B
BC807-40W:
5C, YL
ABSOLUTE MAXIMUM RATINGS at Ta = 25°C
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
-50
V
Collector to Emitter Voltage
VCEO
-45
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current
IC
-500
mA
Collector Power Dissipation
PC
200
mW
Junction, Storage Temperature
TJ, TSTG
+150, -55 ~ +150
℃
CHARACTERISTICS at Ta = 25°C
SYMBOL
MIN.
MAX.
UNIT
TEST CONDITIONS
BVCBO
-50
-
V
IC = -10 uA, IE = 0
BVCEO
-45
-
V
IC = -10 mA, IB = 0
BVEBO
-5
-
V
IE = -1 uA, IC = 0
ICBO
-
-0.1
uA
VCB = -20V, IE = 0
ICEO
-
-0.2
uA
VCE = -20V, IB = 0
IEBO
-
-0.1
uA
VEB = -5V, IC = 0
VCE(sat)
-
-0.7
V
IC = -500mA, IB = -50 mA
VBE(on)
-
-1.2
V
VCE = -1 V, IC = -500 mA
hFE(1)
807-16W
807-25W
807-40W
100
160
250
250
400
600
VCE = -1 V, IC = -100 mA
hFE(2)
40
-
VCE = -1 V, IC = -500 mA
fT
80
-
MHz
VCE = -5 V, IC = -10 mA, f = 100MHz
COB
-
10
pF
VCB = -10V, f=1MHz
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
SOT-323
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40


Similar Part No. - BC807W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
PNP general purpose transistor
1999 May 18
logo
Infineon Technologies A...
BC807W INFINEON-BC807W Datasheet
47Kb / 5P
PNP Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BC807W DIOTEC-BC807W Datasheet
174Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
Galaxy Semi-Conductor H...
BC807W BILIN-BC807W Datasheet
155Kb / 4P
PNP Silicon Epitaxial Planar Transistor
logo
SEMTECH ELECTRONICS LTD...
BC807W SEMTECH_ELEC-BC807W Datasheet
263Kb / 4P
PNP Silicon Epitaxial Planar Transistors
More results

Similar Description - BC807W

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC807-16W SECOS-BC807-16W Datasheet
197Kb / 3P
PNP Plastic Encapsulate Transistor
logo
Weitron Technology
BCX53 WEITRON-BCX53 Datasheet
700Kb / 3P
PNP Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
MMBT5401 MCC-MMBT5401 Datasheet
68Kb / 2P
PNP Plastic Encapsulate Transistor
logo
Weitron Technology
BC869 WEITRON-BC869 Datasheet
522Kb / 3P
PNP Plastic-Encapsulate Transistor
KTA1266 WEITRON-KTA1266 Datasheet
216Kb / 3P
PNP Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
2SA1012 MCC-2SA1012 Datasheet
213Kb / 2P
PNP Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
BC807 SECOS-BC807 Datasheet
419Kb / 2P
PNP Plastic Encapsulate Transistor
BC327 SECOS-BC327_15 Datasheet
299Kb / 3P
PNP Plastic-Encapsulate Transistor
CZD772M SECOS-CZD772M Datasheet
314Kb / 2P
PNP Plastic Encapsulate Transistor
BCX53 SECOS-BCX53_16 Datasheet
341Kb / 2P
PNP Plastic Encapsulate Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com