Electronic Components Datasheet Search
  English  ▼

X  

BC846AW Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BC846AW
Description  NPN Plastic Encapsulate Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BC846AW Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BC846AW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BC846AW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BC846AW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH BC846AW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BC846AW,BW
BC847AW, BW, CW
BC848AW, BW, CW
NPN Plastic Encapsulate Transistor
Elektronische Bauelemente
24-Mar-2010 Rev. A
Page 1 of 4

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Ideally suited for automatic insertion
For Switching and AF Amplifier Applications
MARKING
BC846AW=1A;BC846BW=1B;
BC847AW=1E;BC847BW=1F;BC847CW=1G;
BC848AW=1J;BC848BW=1K;BC848CW=1L
ABSOLUTE MAXIMUM RATINGS ( TA = 25°C unless otherwise noted )
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
BC846W
VCBO
80
V
BC847W
50
BC848W
30
Collector to Emitter Voltage
BC846W
VCEO
65
V
BC847W
45
BC848W
30
Emitter to Base Voltage
BC846W
VEBO
6
V
BC847W
6
BC848W
5
Collector Current - Continuous
IC
0.1
A
Collector Power Dissipation
PC
150
mW
Junction, Storage Temperature
TJ, TSTG
150, -55 ~ 150
℃
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
SOT-323
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.80
2.20
G
0.100 REF.
B
1.80
2.45
H
0.525 REF.
C
1.15
1.35
J
0.08
0.25
D
0.80
1.10
K
-
-
E
1.20
1.40
L
0.650 TYP.
F
0.20
0.40
Base
Emitter
Collector


Similar Part No. - BC846AW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC846AW PHILIPS-BC846AW Datasheet
50Kb / 8P
NPN general purpose transistors
1999 Apr 23
logo
Siemens Semiconductor G...
BC846AW SIEMENS-BC846AW Datasheet
272Kb / 8P
NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
logo
Diodes Incorporated
BC846AW DIODES-BC846AW Datasheet
47Kb / 2P
NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30250 Rev. 3 - 2
logo
Infineon Technologies A...
BC846AW INFINEON-BC846AW Datasheet
229Kb / 8P
NPN Silicon AF Transistors
Dec-11-2001
logo
Diotec Semiconductor
BC846AW DIOTEC-BC846AW Datasheet
185Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC846AW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
2SD2098 WEITRON-2SD2098 Datasheet
111Kb / 5P
NPN Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
2SD2142 SECOS-2SD2142 Datasheet
218Kb / 2P
NPN Plastic Plastic-Encapsulate Transistor
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4098 SECOS-2SC4098 Datasheet
83Kb / 1P
NPN Plastic-Encapsulate Transistor
2SC4116 SECOS-2SC4116 Datasheet
172Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4215 SECOS-2SC4215 Datasheet
195Kb / 3P
NPN Plastic-Encapsulate Transistor
2SC4373 SECOS-2SC4373 Datasheet
77Kb / 1P
NPN Plastic-Encapsulate Transistor
2SD602 SECOS-2SD602_11 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
BC847AT SECOS-BC847AT Datasheet
169Kb / 3P
NPN Plastic Encapsulate Transistor
2SD602 SECOS-2SD602 Datasheet
1Mb / 3P
NPN Plastic-Encapsulate Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com