Electronic Components Datasheet Search
  English  ▼

X  

BCPA1666 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BCPA1666
Description  PNP Plastic Encapsulated Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BCPA1666 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BCPA1666 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BCPA1666
-2 A, -50 V
PNP Plastic Encapsulated Transistor
Elektronische Bauelemente
25-Oct-2012 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
Base
3
Emitter
Collector
24
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Small Flat Package
Low Saturation Voltage
Power Amplifier and Switching Application
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-89
1K
7’ inch
CLASSIFICATION OF hFE1
Product
BCPA1666-O
BCPA1666-Y
Range
70~140
120~240
Marking
WO
WY
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current -Continuous
IC
-2
A
Collector Power Dissipation
PC
0.5
W
Maximum Junction to Ambient
RθJA
250
°C / W
Junction & Storage Temperature
TJ, TSTG
150, -55~150
°C
PNP ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector-base breakdown voltage
V(BR)CBO
-50
-
-
V
IC= -1mA, IE=0
Collector-emitter breakdown voltage
V(BR)CEO
-50
-
-
V
IC= -10mA, IB=0
Emitter-base breakdown voltage
V(BR)EBO
-5
-
-
V
IE= -1mA, IC=0
Collector cut-off current
ICBO
-
-
-
-100
nA
VCB= -50V, IE=0
Emitter cut-off current
IEBO
-
-
-100
nA
VEB= -5 V, IC=0
DC current gain
1
hFE1
70
-
240
VCE= -2V, IC= -500mA
hFE2
40
-
-
VCE= -2V, IC= -1.5A
Collector-emitter saturation voltage
1
VCE(sat)
-
-
-0.5
V
IC= -1A, IB= -50mA
Base-emitter saturation voltage
1
VBE(sat)
-
-
-1.2
V
IC= -1A, IB= -50mA
Transition frequency
f T
-
120
-
MHz
VCE= -2V, IC= -500mA,
f=200MHz
Output Capacitance
COB
-
-
40
pF
VCB= -10V, IE=0, f=1MHz
Note:
1. Pulse test: pulse width ≤300mS, duty cycle≤ 2.0%.
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
4.40
4.60
G
0.40
0.58
B
3.94
4.25
H
1.50
TYP
C
1.40
1.60
J
3.00
TYP
D
2.30
2.60
K
0.32
0.52
E
1.50
1.70
L
0.35
0.44
F
0.89
1.20
SOT-89
A
E
C
D
B
K
H
F
G
L
J
1
2
3
4
B C
E


Similar Part No. - BCPA1666

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BCPA1666 SECOS-BCPA1666_15 Datasheet
78Kb / 1P
PNP Plastic Encapsulated Elektronische Bauelemente Transistor
More results

Similar Description - BCPA1666

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SA733 SECOS-2SA733 Datasheet
284Kb / 2P
PNP Plastic Encapsulated Transistor
2SA1013 SECOS-2SA1013 Datasheet
375Kb / 2P
PNP Plastic Encapsulated Transistor
2N4402 SECOS-2N4402 Datasheet
109Kb / 1P
PNP Plastic Encapsulated Transistor
2SA733 SECOS-2SA733_11 Datasheet
420Kb / 2P
PNP Plastic Encapsulated Transistor
2SA844 SECOS-2SA844 Datasheet
83Kb / 1P
PNP Plastic Encapsulated Transistor
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
PNP Plastic Encapsulated Transistor
2SB1068 SECOS-2SB1068 Datasheet
84Kb / 1P
PNP Plastic Encapsulated Transistor
A1015 SECOS-A1015 Datasheet
449Kb / 2P
PNP Plastic-Encapsulated Transistor
2SB1184 SECOS-2SB1184 Datasheet
76Kb / 1P
PNP Plastic Encapsulated Transistor
KSA539 SECOS-KSA539 Datasheet
71Kb / 1P
PNP Plastic Encapsulated Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com