Electronic Components Datasheet Search
  English  ▼

X  

BD034-T Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BD034-T
Description  BD034
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BD034-T Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BD034-T Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Elektronische Bauelemente
BD034
PNP General Purpose Transistor
28-Jan-2014 Rev. A
Page 1 of 1
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
High Current
High Transition Frequency
CLASSIFICATION OF hFE
Product-Rank
BD034-R
BD034-S
BD034-T
Range
100~200
140~280
200~400
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector - Base Voltage
VCBO
-110
V
Collector - Emitter Voltage
VCEO
-95
V
Emitter - Base Voltage
VEBO
-7
V
Collector Current -Continuous
IC
-2.5
A
Collector Power Dissipation
PC
1.25
W
Maximum Junction to Ambient
RθJA
100
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55 ~ 150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector - Base Breakdown Voltage
V(BR)CBO
-110
-
-
V
IC= -0.1mA, IE=0
Collector-emitter sustaining voltage
1
VCEO(SUS)
-95
-
-
V
IC= -10mA, IB=0
Emitter - Base Breakdown Voltage
V(BR)EBO
-7
-
-
V
IC=0, IE= -0.1mA
Collector Cut - Off Current
ICBO
-
-
-1
µA
VCB= -100V, IE= 0
Emitter Cut-Off Current
IEBO
-
-
-1
µA
VEB= -5V, IC= 0
100
-
400
VCE= -2V, IC= -100mA
DC Current Gain
1
hFE
40
-
-
VCE= -2V, IC= -1.5mA
Collector - Emitter Saturation Voltage
1
VCE(sat)
-
-
-0.5
V
IC= -2A, IB = -200mA
Base – Emitter Voltage
1
VBE
-
-
-1
V
VCE= -5V, IC= -500mA
Transition frequency
fT
3
-
-
MHz
VCE= -1V, IC= -250mA, f=1MHz
TO-126
1
1
1
1Emitter
2
2
2
2Collector
3
3
3
3Base
C
D
B
A
E
N
F
L
G
K
J
H
M
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
7.40
7.80
H
1.10
1.50
B
2.50
2.90
J
0.45
0.60
C
10.60
11.00
K
0.66
0.86
D
15.30
15.70
L
2.10
2.30
E
3.70
3.90
M
1.17
1.37
F
3.90
4.10
N
3.00
3.20
G
2.29 TYP.


Similar Part No. - BD034-T

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BD034-TO-126 JIANGSU-BD034-TO-126 Datasheet
96Kb / 2P
TRANSISTOR (PNP)
logo
Nanjing International G...
BD034-TU DGNJDZ-BD034-TU Datasheet
996Kb / 3P
TO-126 Plastic-Encapsulate Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com