Electronic Components Datasheet Search
  English  ▼

X  

CZD772 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # CZD772
Description  PNP Type Plastic Encapsulate Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

CZD772 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  CZD772 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH CZD772 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH CZD772 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
CZD772
PNP Type
Plastic Encapsulate Transistors
TO-252(D-Pack)
1. BASE
2. COLLECTOR
3. EMITTER
FEATURES
Power Dissipation
PCM: 10 W ( Ta = 25 C )
Collector Current
ICM: -3 A
Designed for use in output stage of
10W amplifier, voltage regulature,
DC-DC converter and relay driver.
Collector-Base Voltage
V(BR)CBO: - 40 V (min)
hFE VALUES ARE CLASSIFIED AS FOLLOWS:
ITEM
Q
P
E
hFE
100 ~ 200
160 ~ 320
250 ~ 320
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 3
RoHS Compliant Product
0. 51 0. 10
0. 51 0. 05
0 0. 10
2. 30 0. 10
6. 50 0. 15
5. 30 0. 10
0. 60 0. 10
0. 80 0. 10
2. 30 0. 10
2. 30 0. 10
1. 20
9
0. 51
0
5
5
5
1
2
3
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
Parameter
Symbol
Value
Units
Collector-Base Voltage
VCBO
-40
V
V
V
A
A
A
W
Collector-Emitter Voltage
VCEO
-30
Emitter-Base Voltage
VEBO
-5
Collector Current
IC
-3
Collector Current (Pulse)
IC
-7
Base Current
IB
-0.6
Collector Power Dissipation
PD
10
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max Units
Collector-Base Breakdown Voltage
V(BR)CBO
IC = -100 A, IE = 0
-40
V
Emitter-Base Breakdown Voltage
V(BR)EBO
IE = -10 A, IC = 0
5
V
Collector Cut-off Current
ICBO
VCB = -30V, IE = 0
-1
A
Emitter Cut-off Current
IEBO
VEB = -3V, IC = 0
-1
A
*Pulse Test: Pulse Width 380ms, Duty Cycle 2%
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC = -1mA, IB = 0
-30
V
DC Current Gain
*hFE1
VCE = -2V, IC = -20mA
30
DC Current Gain
*hFE2
VCE = -2V, IC = -1A
100
500
Collector-Emitter Saturation Voltage
*VCE(sat)
IC = -2A, IB = -0.2A
-0.3
-0.5
V
Base-Emitter Voltage
*VBE(sat)
IC = -2A, IB = -0.2A
-1
-2
V
Collector Power Dissipation
Cob
VCB = -10V, IE = 0, f = 1MHz
55
pF
Transition Frequency
fT
VCE = -5V, IC = -0.1A, f = 100 MHz
80
MHz


Similar Part No. - CZD772

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
CZD772M SECOS-CZD772M Datasheet
314Kb / 2P
PNP Plastic Encapsulate Transistor
CZD772M-Y SECOS-CZD772M-Y Datasheet
314Kb / 2P
PNP Plastic Encapsulate Transistor
CZD772M-Y-C SECOS-CZD772M-Y-C Datasheet
314Kb / 2P
PNP Plastic Encapsulate Transistor
More results

Similar Description - CZD772

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SB649 SECOS-2SB649 Datasheet
258Kb / 2P
PNP Type Plastic Encapsulate Transistors
2SB772 SECOS-2SB772 Datasheet
368Kb / 2P
PNP Type Plastic Encapsulate Transistors
B772 SECOS-B772 Datasheet
384Kb / 2P
PNP Type Plastic Encapsulate Transistors
BC636 SECOS-BC636 Datasheet
221Kb / 2P
PNP Type Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT3906V MCC-MMDT3906V_11 Datasheet
235Kb / 4P
PNP Plastic-Encapsulate Transistors
logo
TECH PUBLIC Electronics...
MMDT2907A TECHPUBLIC-MMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
MMDT5401 TECHPUBLIC-MMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT2907A TECHPUBLIC-TPMMDT2907A Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT3906 TECHPUBLIC-TPMMDT3906 Datasheet
7Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
TPMMDT5401 TECHPUBLIC-TPMMDT5401 Datasheet
1Mb / 4P
PNPPNP Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com