Electronic Components Datasheet Search
  English  ▼

X  

BD138-16 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # BD138-16
Description  PNP General Purpose Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BD138-16 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  BD138-16 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BD138-16 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BD136 / BD138 / BD140
PNP General Purpose Transistor
Elektronische Bauelemente
29-Mar-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead free
FEATURES
High Current
CLASSIFICATION OF hFE
Product-Rank
BD136-6
BD136-10
BD136-16
Product-Rank
BD138-6
BD138-10
BD138-16
Product-Rank
BD140-6
BD140-10
BD140-16
Range
40~100
63~160
100~250
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Collector - Base Voltage
BD136
VCBO
-45
V
BD138
-60
BD140
-80
Collector - Emitter Voltage
BD136
VCEO
-45
V
BD138
-60
BD140
-80
Emitter - Base Voltage
VEBO
-5
V
Collector Current -Continuous
IC
-1.5
A
Collector Power Dissipation
PC
1.25
W
Maximum Junction to Ambient
RθJA
100
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55 ~ 150
°C
TO-126
1
1
1
1Emitter
2
2
2
2Collector
3
3
3
3Base
C
D
B
A
E
N
F
L
G
K
J
H
M
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
7.40
7.80
H
1.10
1.50
B
2.50
2.90
J
0.45
0.60
C
10.60
11.00
K
0.66
0.86
D
15.30
15.70
L
2.10
2.30
E
3.70
3.90
M
1.17
1.37
F
3.90
4.10
N
3.00
3.20
G
2.29 TYP.


Similar Part No. - BD138-16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BD138-16 PHILIPS-BD138-16 Datasheet
44Kb / 8P
PNP power transistors
1999 Apr 12
logo
SeCoS Halbleitertechnol...
BD138-16 SECOS-BD138-16 Datasheet
85Kb / 2P
PNP General Purpose Transistor
logo
Micro Commercial Compon...
BD138-16 MCC-BD138-16 Datasheet
317Kb / 3P
Power Transistors PnP Silicon Volts
logo
Multicomp Pro
BD138-16 MULTICOMP-BD138-16 Datasheet
1Mb / 5P
Single Bipolar Transistor
23/02/24 V1.0
logo
Shanghai Shunye Electro...
BD138-16 SHUNYE-BD138-16 Datasheet
194Kb / 2P
PNP General Purpose Transistor
V2.22
More results

Similar Description - BD138-16

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N5087 PHILIPS-2N5087 Datasheet
49Kb / 8P
PNP general purpose transistor
1997 Jul 02
2PB710A PHILIPS-2PB710A Datasheet
42Kb / 8P
PNP general purpose transistor
1999 May 31
BC807W PHILIPS-BC807W Datasheet
61Kb / 8P
PNP general purpose transistor
1999 May 18
ED1602 PHILIPS-ED1602 Datasheet
42Kb / 8P
PNP general purpose transistor
1999 Apr 27
logo
Rohm
UMT3906 ROHM-UMT3906 Datasheet
169Kb / 4P
PNP General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMBT589 BILIN-MMBT589 Datasheet
198Kb / 4P
PNP General Purpose Transistor
logo
Chenmko Enterprise Co. ...
2SA1037MPT CHENMKO-2SA1037MPT Datasheet
136Kb / 3P
General Purpose PNP Transistor
logo
Weitron Technology
2SB1116 WEITRON-2SB1116 Datasheet
505Kb / 4P
PNP General Purpose Transistor
logo
ON Semiconductor
NST857BF3T5G ONSEMI-NST857BF3T5G Datasheet
96Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
NST3906F3T5G ONSEMI-NST3906F3T5G Datasheet
98Kb / 4P
PNP General Purpose Transistor
April, 2008 ??Rev. 0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com