Electronic Components Datasheet Search
  English  ▼

X  

CBLRLC07 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CBLRLC07
Description  RJ ADAPTERS CABLES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CBLRLC07 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CBLRLC07 Datasheet HTML 1Page - List of Unclassifed Manufacturers CBLRLC07 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
RJ-11 DIMENSIONS In inches (mm)
RJ ADAPTERS & CABLES
Bulletin No. DRRJ-C
Drawing No. LP0554
Released 7/03
Tel +1 (717) 767-6511
Fax +1 (717) 764-0839
www.redlion-controls.com
DRRJ11T6 and DRRJ45T8 Connector to Terminal Adapters
MODEL
DESCRIPTION
PART NUMBER
CBJ
CBL
DRRJ
RJ-12 to RJ-12 10' Cable
RJ-45 to RJ-45 6" Jumper Cable
RJ-45 to RJ-45 10' Cable
RJ-45 Connector to Terminal Adapter
RJ-12 to RJ-12 1' Cable
RJ-45 Parallel Connector
RJ-11 to RJ-11 6" Jumper Cable
RJ-45 to RJ-45 1' Cable
RJ-11/12 Connector to Terminal Adapter
CBLRLC02
CBLRLC07
CBLRLC04
DRRJ45T8
CBLRLC01
DRRJ45P6
CBJ11BD5
CBLRLC03
DRRJ11T6
ORDERING INFORMATION
APPLICATION EXAMPLES
RS485 via RJ-11 connector and DRRJ11T6
Product Examples: DLC, IAMS, ITMS, and PAX.
A Red Lion Controls device with an RS485 RJ-11 port is connected to the
DRRJ11T6 adapter using the CBJ11BD5 cable. The terminal block is then
wired to run the RS485 MODBUS serial information to another device.
A Red Lion Controls device with an RS232 RJ-12 port is connected to the
DRRJ11T6 adapter using the CBLRLC01 or CBLRLC02 cable. The terminal
block is then wired to run the RS232 serial information to another device.
RS232 via RJ-12 connector and DRRJ11T6
Product Examples: G3, Modular Controller, and Paradigm (CL,
CX, GL, TX, and VX)
DESCRIPTION
These adapters convert modular RJ-style connectors to terminal
block connectors, providing a rugged means by which standard
shielded cabling can be used in lieu of flat, unshielded cable. The
DRRJ11T6 can be used with RJ-11 or RJ-12 cables, while the
DRRJ45T8 can be used with RJ-45 connectors. The adapters are
designed to mount on any standard DIN rail.
Each screw-terminal accepts wire in size from 26 to 14 AWG (0.14
to 2.5 mm solid; 0.14 to 1.5 mm stranded). Terminal numbers for the
screw-terminals correspond directly to the terminal pin out of the RJ
connector. There is an extra terminal on each block labeled “S” for the
connection of shields.


Similar Part No. - CBLRLC07

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
CBLRLC00 REDLION-CBLRLC00 Datasheet
1Mb / 28P
DUAL LOOP CONTROLLER
CBLRLC00 REDLION-CBLRLC00 Datasheet
1Mb / 28P
DUAL LOOP CONTROLLER
CBLRLC02 REDLION-CBLRLC02 Datasheet
1Mb / 16P
MODEL CUB짰5 - MINIATURE ELECTRONIC 8-DIGIT DUAL COUNTER AND RATE INDICATOR
More results

Similar Description - CBLRLC07

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
E1341-01 HAMAMATSU-E1341-01 Datasheet
144Kb / 1P
Housings, Power and Signal Cables, Connector Adapters
logo
Molex Electronics Ltd.
86002-3000 MOLEX-86002-3000 Datasheet
63Kb / 2P
MT-RJ Connectors and Adapters
logo
Glenair, Inc.
M24758-22C16 GLENAIR-M24758-22C16 Datasheet
50Kb / 2P
Adapters
logo
Emerson Network Power
30-9530 EMERSON-NETWORKPOWER-30-9530 Datasheet
59Kb / 1P
Computer Cables Adapters Cables
logo
HARTING Technology Grou...
09-14-001-4623 HARTING-09-14-001-4623 Datasheet
448Kb / 2P
Han RJ45 module, for patch cables & RJ-I
logo
Balluff Korea Ltd.
BCC0F2T BALLUFF-BCC0F2T Datasheet
102Kb / 2P
Adapters
0.54_2022-07-16
BCC0F2U BALLUFF-BCC0F2U Datasheet
102Kb / 2P
Adapters
0.58_2022-07-11
BCC0F2Y BALLUFF-BCC0F2Y Datasheet
101Kb / 2P
Adapters
0.61_2022-07-11
BCC0F47 BALLUFF-BCC0F47 Datasheet
100Kb / 2P
Adapters
0.54_2022-07-11
BCC0HKZ BALLUFF-BCC0HKZ Datasheet
153Kb / 2P
Adapters
0.62_2022-07-15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com