Electronic Components Datasheet Search
  English  ▼

X  

ICS542MLFT Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS542MLFT
Description  CLOCK DIVIDER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS542MLFT Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS542MLFT Datasheet HTML 1Page - Integrated Device Technology ICS542MLFT Datasheet HTML 2Page - Integrated Device Technology ICS542MLFT Datasheet HTML 3Page - Integrated Device Technology ICS542MLFT Datasheet HTML 4Page - Integrated Device Technology ICS542MLFT Datasheet HTML 5Page - Integrated Device Technology ICS542MLFT Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATASHEET
CLOCK DIVIDER
ICS542
IDT™ / ICS™ CLOCK DIVIDER
1
ICS542
REV J 051310
Description
The ICS542 is cost effective way to produce a high-quality
clock output divided from a clock input. The chip accepts a
clock input up to 156 MHz at 3.3 V and produces a divide by
2, 4, 6, 8, 12, or 16 of the input clock. There are two outputs
on the chip, one being a low-skew divide by two of the other.
For instance, if an 100 MHz input clock is used, the ICS542
can produce low-skew 50 MHz and 25 MHz clocks, or low
skew 25 MHz and 12.5 MHz clocks. The chip has an
all-chip power-down mode that stops the outputs low, and
an OE pin that tri-states the outputs.
See the ICS541 and ICS543 for other clock dividers, and
the ICS501, 502, 511, 512, and 525 for clock multipliers.
Features
• 8-pin SOIC package, Pb free
• Available in RoHS compliant package
• IDT’s lowest cost clock divider
• Low skew (500 ps) outputs. One is /2 of the other
• Easy to use with other generators and buffers
• Input clock frequency up to 156 MHz
• Output clock duty cycle of 45/55
• Power-down turns off chip
• Output Enable
• Advanced, low-power CMOS process
• Operating voltage of 3.3 V or 5 V
• Does not degrade phase noise - no PLL
• Available in industrial and commercial temperature
ranges
Block Diagram
Input Clock
Divider
and
Selection
Circuitry
CLK1
CLK2
S1, S0
/2
OE (both outputs)
GND
VDD


Similar Part No. - ICS542MLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS542M ICST-ICS542M Datasheet
57Kb / 4P
Clock Divider
Revision 050400
logo
Integrated Device Techn...
ICS542MILF IDT-ICS542MILF Datasheet
171Kb / 6P
CLOCK DIVIDER
logo
Integrated Circuit Syst...
ICS542MT ICST-ICS542MT Datasheet
57Kb / 4P
Clock Divider
Revision 050400
More results

Similar Description - ICS542MLFT

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS542 ICST-ICS542 Datasheet
57Kb / 4P
Clock Divider
Revision 050400
ICS544-01 ICST-ICS544-01 Datasheet
148Kb / 7P
Clock Divider
Revision 041505
logo
Texas Instruments
LMK01801 TI1-LMK01801 Datasheet
488Kb / 39P
Dual Clock Divider Buffer
logo
Integrated Device Techn...
ICS542MILF IDT-ICS542MILF Datasheet
171Kb / 6P
CLOCK DIVIDER
logo
Linear Technology
DC1075 LINER-DC1075_15 Datasheet
203Kb / 1P
CLOCK DIVIDER
logo
Texas Instruments
LMK01801 TI1-LMK01801_15 Datasheet
1Mb / 51P
Dual Clock Divider Buffer
logo
Integrated Device Techn...
8P73S674 IDT-8P73S674_16 Datasheet
281Kb / 15P
1.8V LVPECL Clock Divider
ICS542 IDT-ICS542 Datasheet
119Kb / 6P
CLOCK DIVIDER
logo
Renesas Technology Corp
8P73S674 RENESAS-8P73S674 Datasheet
479Kb / 16P
1.8V LVPECL Clock Divider
0 Mar 2020
ICS544-01 RENESAS-ICS544-01 Datasheet
248Kb / 8P
CLOCK DIVIDER
051810
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com