Electronic Components Datasheet Search
  English  ▼

X  

ICS854104 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS854104
Description  Low Skew, 1-to-4, Differential-to-LVDS Fanout Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS854104 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS854104 Datasheet HTML 5Page - Integrated Device Technology ICS854104 Datasheet HTML 6Page - Integrated Device Technology ICS854104 Datasheet HTML 7Page - Integrated Device Technology ICS854104 Datasheet HTML 8Page - Integrated Device Technology ICS854104 Datasheet HTML 9Page - Integrated Device Technology ICS854104 Datasheet HTML 10Page - Integrated Device Technology ICS854104 Datasheet HTML 11Page - Integrated Device Technology ICS854104 Datasheet HTML 12Page - Integrated Device Technology ICS854104 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ICS854104 Data Sheet
LOW SKEW, 1-TO-4, DIFFERENTIAL-TO-LVDS FANOUT BUFFER
ICS854104AG REVISION A AUGUST 14, 2009
9
©2009 Integrated Device Technology, Inc.
Differential Clock Input Interface
The CLK /nCLK accepts LVDS, LVPECL, LVHSTL, SSTL, HCSL and
other differential signals. Both signals must meet the VPP and VCMR
input requirements. Figures 2A to 2F show interface examples for the
HiPerClockS CLK/nCLK input driven by the most common driver
types. The input interfaces suggested here are examples only.
Please consult with the vendor of the driver component to confirm the
driver termination requirements. For example, in Figure 2A, the input
termination applies for IDT HiPerClockS open emitter LVHSTL
drivers. If you are using an LVHSTL driver from another vendor, use
their termination recommendation.
2A. HiPerClockS CLK/nCLK Input Driven by an IDT
Open Emitter HiPerClockS LVHSTL Driver
Figure 3C. HiPerClockS CLK/nCLK Input
Driven by a 3.3V LVPECL Driver
Figure 2E. HiPerClockS CLK/nCLK Input
Driven by a 3.3V HCSL Driver
Figure 2B. HiPerClockS CLK/nCLK Input
Driven by a 3.3V LVPECL Driver
Figure 2D. HiPerClockS CLK/nCLK Input
Driven by a 3.3V LVDS Driver
Figure 2F. HiPerClockS CLK/nCLK Input
Driven by a 2.5V SSTL Driver
R1
50
R2
50
1.8V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
LVHSTL
IDT
HiPerClockS
LVHSTL Driver
HiPerClockS
Input
R3
125
R4
125
R1
84
R2
84
3.3V
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
3.3V
3.3V
LVPECL
HiPerClockS
Input
HCSL
*R3
33
*R4
33
CLK
nCLK
2.5V
3.3V
Zo = 50
Ω
Zo = 50
Ω
HiPerClockS
Input
R1
50
R2
50
*Optional – R3 and R4 can be 0
Ω
CLK
nCLK
HiPerClockS
Input
LVPECL
3.3V
Zo = 50
Ω
Zo = 50
Ω
3.3V
R1
50
R2
50
R2
50
3.3V
R1
100
LVDS
CLK
nCLK
3.3V
Receiver
Zo = 50
Ω
Zo = 50
Ω
CLK
nCLK
HiPerClockS
SSTL
2.5V
Zo = 60
Ω
Zo = 60
Ω
2.5V
3.3V
R1
120
R2
120
R3
120
R4
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com