Electronic Components Datasheet Search
  English  ▼

X  

LCE30A Datasheet(PDF) 29 Page - Socay Electornics Co., Ltd.

Part # LCE30A
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

LCE30A Datasheet(HTML) 29 Page - Socay Electornics Co., Ltd.

Back Button LCE30A Datasheet HTML 25Page - Socay Electornics Co., Ltd. LCE30A Datasheet HTML 26Page - Socay Electornics Co., Ltd. LCE30A Datasheet HTML 27Page - Socay Electornics Co., Ltd. LCE30A Datasheet HTML 28Page - Socay Electornics Co., Ltd. LCE30A Datasheet HTML 29Page - Socay Electornics Co., Ltd. LCE30A Datasheet HTML 30Page - Socay Electornics Co., Ltd. LCE30A Datasheet HTML 31Page - Socay Electornics Co., Ltd. LCE30A Datasheet HTML 32Page - Socay Electornics Co., Ltd. LCE30A Datasheet HTML 33Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
www.socay.com
29
Axial Lead Transient Voltage Suppressors (TVS)
P4KE Series
6.8 To 600 V
400W
Part Number
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
P4KE91
P4KE91C
73.7
81.90
100.10
1
131.0
3.05
5
P4KE91A
P4KE91CA
77.8
86.45
95.55
1
125.0
3.20
5
P4KE100
P4KE100C
81.0
90.00
110.00
1
144.0
2.78
5
P4KE100A
P4KE100CA
85.5
95.00
105.00
1
137.0
2.92
5
P4KE110
P4KE110C
89.2
99.00
121.00
1
158.0
2.53
5
P4KE110A
P4KE110CA
94.0
104.50
115.50
1
152.0
2.63
5
P4KE120
P4KE120C
97.2
108.00
132.00
1
173.0
2.31
5
P4KE120A
P4KE120CA
102.0
114.00
126.00
1
165.0
2.42
5
P4KE130
P4KE130C
105.0
117.00
143.00
1
187.0
2.14
5
P4KE130A
P4KE130CA
111.0
123.50
136.50
1
179.0
2.23
5
P4KE150
P4KE150C
121.0
135.00
165.00
1
215.0
1.86
5
P4KE150A
P4KE150CA
128.0
142.50
157.50
1
207.0
1.93
5
P4KE160
P4KE160C
130.0
144.00
176.00
1
230.0
1.74
5
P4KE160A
P4KE160CA
136.0
152.00
168.00
1
219.0
1.83
5
P4KE170
P4KE170C
138.0
153.00
187.00
1
244.0
1.64
5
P4KE170A
P4KE170CA
145.0
161.50
178.50
1
234.0
1.71
5
P4KE180
P4KE180C
146.0
162.00
198.00
1
258.0
1.55
5
P4KE180A
P4KE180CA
154.0
171.00
189.00
1
246.0
1.63
5
P4KE200
P4KE200C
162.0
180.00
220.00
1
287.0
1.39
5
P4KE200A
P4KE200CA
171.0
190.00
210.00
1
274.0
1.46
5
P4KE220
P4KE220C
175.0
198.00
242.00
1
344.0
1.16
5
P4KE220A
P4KE220CA
185.0
209.00
231.00
1
328.0
1.22
5
P4KE250
P4KE250C
202.0
225.00
275.00
1
360.0
1.11
5
P4KE250A
P4KE250CA
214.0
237.50
262.50
1
344.0
1.16
5
P4KE300
P4KE300C
243.0
270.00
330.00
1
430.0
0.93
5
P4KE300A
P4KE300CA
256.0
285.00
315.00
1
414.0
0.97
5
P4KE350
P4KE350C
284.0
315.00
385.00
1
504.0
0.79
5
P4KE350A
P4KE350CA
299.3
332.50
367.50
1
482.0
0.83
5
P4KE380
P4KE380C
308.6
342.00
418.00
1
547.2
0.73
5
P4KE380A
P4KE380CA
324.9
361.00
399.00
1
524.4
0.76
5
P4KE400
P4KE400C
324.8
360.00
440.00
1
576.0
0.69
5
P4KE400A
P4KE400CA
342.0
380.00
420.00
1
552.0
0.72
5
P4KE440
P4KE440C
357.3
396.00
484.00
1
633.6
0.63
5
P4KE440A
P4KE440CA
376.2
418.00
462.00
1
607.2
0.66
5
P4KE500
P4KE500C
406.0
450.00
550.00
1
720.0
0.56
5
P4KE500A
P4KE500CA
427.5
475.00
525.00
1
690.0
0.58
5
P4KE520
P4KE520C
422.2
468.00
572.00
1
748.8
0.53
5
P4KE520A
P4KE520CA
444.6
494.00
546.00
1
717.6
0.56
5
P4KE550
P4KE550C
446.6
495.00
605.00
1
792.0
0.51
5
P4KE550A
P4KE550CA
470.3
522.50
577.50
1
759.0
0.53
5
P4KE600
P4KE600C
487.2
540.00
660.00
1
864.0
0.46
5
P4KE600A
P4KE600CA
513.0
570.00
630.00
1
828.0
0.48
5
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com