Electronic Components Datasheet Search
  English  ▼

X  

ST32ETA103 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ST32ETA103
Description  SURFACE MOUNT CERMET TRIMMERS (SINGLE TURN)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ST32ETA103 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ST32ETA103 Datasheet HTML 1Page - List of Unclassifed Manufacturers ST32ETA103 Datasheet HTML 2Page - List of Unclassifed Manufacturers ST32ETA103 Datasheet HTML 3Page - List of Unclassifed Manufacturers ST32ETA103 Datasheet HTML 4Page - List of Unclassifed Manufacturers ST32ETA103 Datasheet HTML 5Page - List of Unclassifed Manufacturers ST32ETA103 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
■ Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
ST-32
SURFACE MOUNT TRIMMERS
■
LIST OF PART NUMBERS
Shape of
terminal
Form of packaging
Taping (reel)
ST-32ETA
ST-32EA
ST-32ETB
ST-32EB
ST-32ETG
ST-32EG
ST-32ETH
ST-32EH
500 pcs./reel
100 pcs./pack
Plastic bag
Pieces in package
■
ELECTRICAL CHARACTERISTICS
Nominal resistance range
10
Ω ~ 2 MΩ
± 20 %
0.125 W (70 °C) 0 W (125 °C)
Linear law (B)
DC200 V or power rating, whichever is smaller
100 mA or power rating, whichever is smaller
210 ° (1 turn)
1 % or 2
Ω, whichever is greater
1 % or 3
Ω, whichever is greater
−55 ~ 125 °C
10
Ω ~ 50 Ω : ± 250 10-6/°C maximum
100
Ω ~ 2 MΩ : ± 100 10-6/°C maximum
1000 M
Ω minimum (DC500 V)
AC500 V, 60 s
Approx. 0.05 g (ST-32EA, EB)
Approx. 0.11 g (ST-32EG, EH)
Resistance tolerance
Power ratings
Resistance law
Maximum input voltage
Maximum wiper current
Effective electrical angle
End resistance
C.R.V.
Operating temp. range
Temp. coefficient
Insulation resistance
Dielectric strength
Net weight
Adjustment
position
Top
adjustment
A (J-hook)
B (Gull wing)
G (J-hook)
H (Gull wing)
Side
adjustment
ΔR/R
:Change in total resistance
S.S.
:Setting stability
〈
Nominal resistance values〉
A 10 Ω
A 20 Ω
50
Ω
100
Ω
200
Ω
300
Ω
500
Ω
1 k
Ω
2 k
Ω
3 k
Ω
5 k
Ω
10 k
Ω
20 k
Ω
30 k
Ω
50 k
Ω
100 k
Ω
200 k
Ω
500 k
Ω
1 M
Ω
2 M
Ω
The products indicated by
A mark are manufactured upon receipt of order basis.
※The part numbers on the left are all available with the respective combination of
<Nominal resistance values> (Fig. 1).
※Verify the above part numbers when placing orders.
※Taping specification is not sold separately and must be purchased in reel units.
■
MECHANICAL CHARACTERISTICS
Mechanical angle
250 ° (1 turn)
5 mN·m {51 gf·cm} maximum
20 mN·m {204 gf·cm} minimum
100 cycles [ΔR/R
≦
± (2 Ω+3 %)]
5 N {0.51 kgf} minimum
245
± 3 °C, 2 ~ 3 s
5 N {0.51 kgf} 10 s
Width 90 mm, bend 3 mm, 5 s, 1 time
5 N {0.51 kgf} 10 s
{ }:Reference only
Operating torque
Stop strength
Rotational life
Thrust to rotor
Solderability
Shear (Adhesion)
Substrate bending
Pull-off strength
■
ENVIRONMENTAL CHARACTERISTICS
Test item
Test conditions
Specifications
Thermal shock
−65 ~ 125 °C (0.5 h), 5 cycles
[ΔR/R
≦ 2 %]
[S.S.
≦ 1 %]
Humidity
−10 ~ 65 °C (80 ~ 98 %),
10 cycles, 240 h
[ΔR/R
≦ 2 %]
Shock
981 m/s
2, 6 ms
6 directions for 3 times each
[ΔR/R
≦ 1 %]
[S.S.
≦ 1 %]
Vibration
Amplitude 1.52 mm or
Acceleration 196 m/s
2,
10 ~ 2000 Hz, 3 directions, 12 times each
Load life
70 °C, 0.125 W, 1000 h
[ΔR/R
≦ 3 %]
[S.S.
≦ 1 %]
Low temp. operation
−55 °C, 2 h
[ΔR/R
≦ 2 %]
[S.S.
≦ 2 %]
High temp. exposure
125 °C, 250 h
[ΔR/R
≦ 3 %]
[S.S.
≦ 2 %]
Immersion seal
85 °C, 60 s
No leaks (No continuous bubbles)
Soldering heat
[ΔR/R
≦ 1 %]
Fig.1
Reflow profile for soldering heat evaluation〉
Reflow : two times maximum
Peak : 250
Over 230
°C
Pre Heating Zone
180
°C
(
°C)
250
200
150
100
50
150
°C
90
± 30 s
30
± 10 s
Soldering Zone
Heating time
°C
+5
0
Flow : 260
± 3 °C as the temperature in a pot of
molten solder, immersion from head of terminal to
backside of board, 5 ~ 6 s, two times maximum.
Reflow : Peak temperature 255 °C
(Please refer to the profile below.)
Manual soldering
:350
± 10 °C, 3 ~ 4 s



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com