Electronic Components Datasheet Search
  English  ▼

X  

LCE60A Datasheet(PDF) 49 Page - Socay Electornics Co., Ltd.

Part # LCE60A
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

LCE60A Datasheet(HTML) 49 Page - Socay Electornics Co., Ltd.

Back Button LCE60A Datasheet HTML 45Page - Socay Electornics Co., Ltd. LCE60A Datasheet HTML 46Page - Socay Electornics Co., Ltd. LCE60A Datasheet HTML 47Page - Socay Electornics Co., Ltd. LCE60A Datasheet HTML 48Page - Socay Electornics Co., Ltd. LCE60A Datasheet HTML 49Page - Socay Electornics Co., Ltd. LCE60A Datasheet HTML 50Page - Socay Electornics Co., Ltd. LCE60A Datasheet HTML 51Page - Socay Electornics Co., Ltd. LCE60A Datasheet HTML 52Page - Socay Electornics Co., Ltd. LCE60A Datasheet HTML 53Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 56 page
background image
www.socay.com
49
Axial Lead Transient Voltage Suppressors (TVS)
20KPA Series
20 To 300 V
20000W
Part Number
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
20KPA20A
20KPA20CA
20
22.34
50
36.8
548.9
5000
5000
20KPA24A
20KPA24CA
24
26.81
50
41.2
490.3
5000
5000
20KPA26A
20KPA26CA
26
29.04
50
22.7
451.9
2000
1500
20KPA28A
20KPA28CA
28
31.28
50
48.0
420.8
1000
500
20KPA30A
20KPA30CA
30
33.51
5
51.5
392.2
250
150
20KPA32A
20KPA32CA
32
35.74
5
54.3
372.0
150
50
20KPA34A
20KPA34CA
34
38.00
5
57.5
351.3
50
25
20KPA36A
20KPA36CA
36
40.20
5
61.5
328.5
20
15
20KPA40A
20KPA40CA
40
44.70
5
67.8
297.9
15
2
20KPA44A
20KPA44CA
44
49.10
5
72.7
277.9
2
2
20KPA48A
20KPA48CA
48
53.60
5
79.4
254.4
2
2
20KPA52A
20KPA52CA
52
58.10
5
85.8
235.4
2
2
20KPA56A
20KPA56CA
56
62.60
5
92.6
218.1
2
2
20KPA60A
20KPA60CA
60
67.00
5
97.6
207.0
2
2
20KPA64A
20KPA64CA
64
71.50
5
104.0
194.2
2
2
20KPA68A
20KPA68CA
68
76.00
5
110.0
183.6
2
2
20KPA72A
20KPA72CA
72
80.40
5
116.0
174.1
2
2
20KPA80A
20KPA80A
80
89.40
5
130.0
155.4
2
2
20KPA88A
20KPA88CA
88
98.30
5
142.0
142.3
2
2
20KPA96A
20KPA96CA
96
107.20
5
155.0
130.3
2
2
20KPA104A
20KPA104CA
104
116.20
5
168.0
120.2
2
2
20KPA112A
20KPA112CA
112
125.10
5
182.0
111.0
2
2
20KPA120A
20KPA120CA
120
134.00
5
194.0
104.1
2
2
20KPA132A
20KPA132CA
132
147.40
5
213.0
94.8
2
2
20KPA144A
20KPA144CA
144
160.80
5
232.0
87.1
2
2
20KPA160A
20KPA160CA
160
178.70
5
258.0
78.3
2
2
20KPA172A
20KPA172CA
172
192.10
5
277.0
72.9
2
2
20KPA180A
20KPA180CA
180
201.10
5
291.0
69.4
2
2
20KPA192A
20KPA192CA
192
214.50
5
309.0
65.4
2
2
20KPA204A
20KPA204CA
204
227.90
5
329.0
61.4
2
2
20KPA216A
20KPA216CA
216
241.30
5
348.0
58.0
2
2
20KPA232A
20KPA232CA
232
159.10
5
374.0
54.0
2
2
20KPA240A
20KPA240CA
240
268.10
5
387.0
52.2
2
2
20KPA256A
20KPA256CA
256
286.00
5
412.0
49.0
2
2
20KPA280A
20KPA280CA
280
312.80
5
451.0
44.8
2
2
20KPA300A
20KPA300CA
300
335.10
5
483.0
41.8
2
2
Note:
1.
For Bi-Directional devices having VR of 40 volts and under, the IR limit is double
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com