Electronic Components Datasheet Search
  English  ▼

X  

SAC45 Datasheet(PDF) 54 Page - Socay Electornics Co., Ltd.

Part # SAC45
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SAC45 Datasheet(HTML) 54 Page - Socay Electornics Co., Ltd.

Back Button SAC45 Datasheet HTML 48Page - Socay Electornics Co., Ltd. SAC45 Datasheet HTML 49Page - Socay Electornics Co., Ltd. SAC45 Datasheet HTML 50Page - Socay Electornics Co., Ltd. SAC45 Datasheet HTML 51Page - Socay Electornics Co., Ltd. SAC45 Datasheet HTML 52Page - Socay Electornics Co., Ltd. SAC45 Datasheet HTML 53Page - Socay Electornics Co., Ltd. SAC45 Datasheet HTML 54Page - Socay Electornics Co., Ltd. SAC45 Datasheet HTML 55Page - Socay Electornics Co., Ltd. SAC45 Datasheet HTML 56Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
www.socay.com
54
Axial Lead Transient Voltage Suppressors (TVS)
SAC Series
5.0 To 50 V
500W
Low Capacitance
Uni-directional
u
Glass passivated chip
u
500W peak pulse power capability with a 10/1000
µs
waveform, repetitive rate (duty cycle): 0.01%
u
Low leakage
u
Excellent clamping capability
u
Very fast response time
u
RoHS compliant
DO204AC (DO-15)
Inches
Millimeters
Dimensions
Min
Max
Min
Max
A
0.077
0.087
1.960
2.200
B
0.171
0.191
4.350
4.850
C
0.130
0.155
3.300
3.940
D
0.084
0.096
2.130
2.440
Breakdown
Voltage VBR
@IT=1.0mA
(V)
Part Number
Reverse
Stand-Off
Voltage
VRWM (V)
MIN
Maximum
Reverse
Leakage
IR
@VRWM
(
μA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Junction
Capacita
nce
@0V
(pF)
Working
Inverse
Blocking
Voltage
VWIB
(V)
Inverse
Blocking
Leakage
Current
IIB
@VWIB
(mA)
Peak
Inverse
Voltage
VPIB
(V)
SAC5.0
5.0
7.60
300
10.0
44.0
50
75
1
100
SAC6.0
6.0
7.90
300
11.2
41.0
50
75
1
100
SAC7.0
7.0
8.33
300
12.6
38.0
50
75
1
100
SAC8.0
8.0
8.89
100
13.4
36.0
50
75
1
100
SAC8.5
8.5
9.44
50
14.0
34.0
50
75
1
100
SAC10
10.0
11.10
5
16.3
29.0
50
75
1
100
SAC12
12.0
13.30
5
19.0
25.0
50
75
1
100
SAC15
15.0
16.67
5
23.6
20.0
50
75
1
100
SAC18
18.0
20.00
5
28.8
15.0
50
75
1
100
SAC22
22.0
24.40
5
35.4
14.0
50
75
1
100
SAC26
26.0
28.90
5
42.3
11.1
50
75
1
100
SAC30
30.0
33.30
5
48.6
10.0
50
75
1
100
SAC36
36.0
40.00
5
60.0
8.6
50
75
1
100
SAC45
45.0
50.00
5
77.0
6.8
50
150
1
200
SAC50
50.0
55.50
5
88.0
5.8
50
150
1
200
Electrical Characteristics (TA=25℃ unless otherwise noted)
Dimensions
Features
DO-204AC (DO-15)
Cathode Band



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com