Electronic Components Datasheet Search
  English  ▼

X  

KA-030 Datasheet(PDF) 16 Page - Socay Electornics Co., Ltd.

Part # KA-030
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

KA-030 Datasheet(HTML) 16 Page - Socay Electornics Co., Ltd.

Back Button KA-030 Datasheet HTML 12Page - Socay Electornics Co., Ltd. KA-030 Datasheet HTML 13Page - Socay Electornics Co., Ltd. KA-030 Datasheet HTML 14Page - Socay Electornics Co., Ltd. KA-030 Datasheet HTML 15Page - Socay Electornics Co., Ltd. KA-030 Datasheet HTML 16Page - Socay Electornics Co., Ltd. KA-030 Datasheet HTML 17Page - Socay Electornics Co., Ltd. KA-030 Datasheet HTML 18Page - Socay Electornics Co., Ltd. KA-030 Datasheet HTML 19Page - Socay Electornics Co., Ltd. KA-030 Datasheet HTML 20Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
www.socay.com
16
Surface Mount Transient Voltage Suppressors (TVS)
P4SMAJ Series
6.8 To 600 V
400W
Part Number
Marking
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
P4SMA6.8A
P4SMA6.8CA
6V8A
6V8C
5.8
6.46
7.14
10
10.5
38.10
1000
P4SMA7.5A
P4SMA7.5CA
7V5A
7V5C
6.4
7.13
7.88
10
11.3
35.40
500
P4SMA8.2A
P4SMA8.2CA
8V2A
8V2C
7.0
7.79
8.61
10
12.1
33.06
200
P4SMA9.1A
P4SMA9.1CA
9V1A
9V1C
7.8
8.65
9.56
1
13.4
29.85
50
P4SMA10A
P4SMA10CA
10A
10C
8.6
9.50
10.50
1
14.5
27.59
10
P4SMA11A
P4SMA11CA
11A
11C
9.4
10.45
11.55
1
15.6
25.64
5
P4SMA12A
P4SMA12CA
12A
12C
10.2
11.40
12.60
1
16.7
23.95
5
P4SMA13A
P4SMA13CA
13A
13C
11.1
12.35
13.65
1
18.2
21.98
5
P4SMA15A
P4SMA15CA
15A
15C
12.8
14.25
15.75
1
21.2
18.87
5
P4SMA16A
P4SMA16CA
16A
16C
13.6
15.20
16.80
1
22.5
17.78
5
P4SMA18A
P4SMA18CA
18A
18C
15.3
17.10
18.90
1
25.2
15.87
5
P4SMA20A
P4SMA20CA
20A
20C
17.1
19.00
21.00
1
27.7
14.44
5
P4SMA22A
P4SMA22CA
22A
22C
18.8
20.90
23.10
1
30.6
13.07
5
P4SMA24A
P4SMA24CA
24A
24C
20.5
22.80
25.20
1
33.2
12.05
5
P4SMA27A
P4SMA27CA
27A
27C
23.1
25.65
28.35
1
37.5
10.67
5
P4SMA30A
P4SMA30CA
30A
30C
25.6
28.50
31.50
1
41.4
9.66
5
P4SMA33A
P4SMA33CA
33A
33C
28.2
31.35
34.65
1
45.7
8.75
5
P4SMA36A
P4SMA36CA
36A
36C
30.8
34.20
37.80
1
49.9
8.02
5
P4SMA39A
P4SMA39CA
39A
39C
33.3
37.05
40.95
1
53.9
7.42
5
P4SMA43A
P4SMA43CA
43A
43C
36.8
40.85
45.15
1
59.3
6.75
5
P4SMA47A
P4SMA47CA
47A
47C
40.2
44.65
49.35
1
64.8
6.17
5
P4SMA51A
P4SMA51CA
51A
51C
43.6
48.45
53.55
1
70.1
5.71
5
P4SMA56A
P4SMA56CA
56A
56C
47.8
53.20
58.80
1
77.0
5.19
5
P4SMA62A
P4SMA62CA
62A
62C
53.0
58.90
65.10
1
85.0
4.71
5
P4SMA68A
P4SMA68CA
68A
68C
58.1
64.60
71.40
1
92.0
4.35
5
P4SMA75A
P4SMA75CA
75A
75C
64.1
71.25
78.75
1
103.0
3.88
5
P4SMA82A
P4SMA82CA
82A
82C
70.1
77.90
86.10
1
113.0
3.54
5
P4SMA91A
P4SMA91CA
91A
91C
77.8
86.45
95.55
1
125.0
3.20
5
P4SMA100A
P4SMA100CA
100A
100C
85.5
95.00
105.00
1
137.0
2.92
5
P4SMA110A
P4SMA110CA
110A
110C
94.0
104.50
115.50
1
152.0
2.63
5
P4SMA120A
P4SMA120CA
120A
120C
102.0
114.00
126.00
1
165.0
2.42
5
P4SMA130A
P4SMA130CA
130A
130C
111.0
123.50
136.50
1
179.0
2.23
5
P4SMA150A
P4SMA150CA
150A
150C
128.0
142.50
157.50
1
207.0
1.93
5
P4SMA160A
P4SMA160CA
160A
160C
136.0
152.00
168.00
1
219.0
1.83
5
P4SMA170A
P4SMA170CA
170A
170C
145.0
161.50
178.50
1
234.0
1.71
5
P4SMA180A
P4SMA180CA
180A
180C
154.0
171.00
189.00
1
246.0
1.63
5
P4SMA200A
P4SMA200CA
200A
200C
171.0
190.00
210.00
1
274.0
1.46
5
P4SMA220A
P4SMA220CA
220A
220C
185.0
209.00
231.00
1
328.0
1.22
5
P4SMA250A
P4SMA250CA
250A
250C
214.0
237.50
262.50
1
344.0
1.16
5
P4SMA300A
P4SMA300CA
300A
300C
256.0
285.00
315.00
1
414.0
0.97
5
P4SMA350A
P4SMA350CA
350A
350C
299.3
332.50
367.50
1
482.0
0.83
5
P4SMA380A
P4SMA380CA
380A
380C
324.9
361.00
399.00
1
524.4
0.76
5
P4SMA400A
P4SMA400CA
400A
400C
342.0
380.00
420.00
1
552.0
0.72
5
P4SMA440A
P4SMA440CA
440A
440C
376.2
418.00
462.00
1
607.2
0.66
5
P4SMA500A
P4SMA500CA
500A
500C
427.5
475.00
525.00
1
690.0
0.58
5
P4SMA520A
P4SMA520CA
520A
520C
444.6
494.00
546.00
1
717.6
0.56
5
P4SMA550A
P4SMA550CA
550A
550C
470.3
522.50
577.50
1
759.0
0.53
5
P4SMA600A
P4SMA600CA
600A
600C
513.0
570.00
630.00
1
828.0
0.48
5
Note:
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com