Electronic Components Datasheet Search
  English  ▼

X  

KC-030 Datasheet(PDF) 34 Page - Socay Electornics Co., Ltd.

Part # KC-030
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

KC-030 Datasheet(HTML) 34 Page - Socay Electornics Co., Ltd.

Back Button KC-030 Datasheet HTML 30Page - Socay Electornics Co., Ltd. KC-030 Datasheet HTML 31Page - Socay Electornics Co., Ltd. KC-030 Datasheet HTML 32Page - Socay Electornics Co., Ltd. KC-030 Datasheet HTML 33Page - Socay Electornics Co., Ltd. KC-030 Datasheet HTML 34Page - Socay Electornics Co., Ltd. KC-030 Datasheet HTML 35Page - Socay Electornics Co., Ltd. KC-030 Datasheet HTML 36Page - Socay Electornics Co., Ltd. KC-030 Datasheet HTML 37Page - Socay Electornics Co., Ltd. KC-030 Datasheet HTML 38Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
www.socay.com
34
Axial Lead Transient Voltage Suppressors (TVS)
P6KE Series
6.8 To 600 V
600W
Part Number
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
P6KE6.8
P6KE6.8C
5.5
6.12
7.48
10
10.8
55.56
1000
P6KE6.8A
P6KE6.8CA
5.8
6.46
7.14
10
10.5
57.14
1000
P6KE7.5
P6KE7.5C
6.1
6.75
8.25
10
11.7
51.28
500
P6KE7.5A
P6KE7.5CA
6.4
7.13
7.88
10
11.3
53.10
500
P6KE8.2
P6KE8.2C
6.6
7.38
9.02
10
12.5
48.00
200
P6KE8.2A
P6KE8.2CA
7.0
7.79
8.61
10
12.1
49.59
200
P6KE9.1
P6KE9.1C
7.4
8.19
10.01
1
13.8
43.48
50
P6KE9.1A
P6KE9.1CA
7.8
8.65
9.56
1
13.4
44.78
50
P6KE10
P6KE10C
8.1
9.00
11.00
1
15.0
40.00
10
P6KE10A
P6KE10CA
8.6
9.50
10.50
1
14.5
41.38
10
P6KE11
P6KE11C
8.9
9.90
12.10
1
16.2
37.04
5
P6KE11A
P6KE11CA
9.4
10.45
11.55
1
15.6
38.46
5
P6KE12
P6KE12C
9.7
10.80
13.20
1
17.3
34.68
5
P6KE12A
P6KE12CA
10.2
11.40
12.60
1
16.7
35.93
5
P6KE13
P6KE13C
10.5
11.70
14.30
1
19.0
31.58
5
P6KE13A
P6KE13CA
11.1
12.35
13.65
1
18.2
32.97
5
P6KE15
P6KE15C
12.1
13.50
16.50
1
22.0
27.27
5
P6KE15A
P6KE15CA
12.8
14.25
15.75
1
21.2
28.30
5
P6KE16
P6KE16C
12.9
14.40
17.60
1
23.5
25.53
5
P6KE16A
P6KE16CA
13.6
15.20
16.80
1
22.5
26.67
5
P6KE18
P6KE18C
14.5
16.20
19.80
1
26.5
22.64
5
P6KE18A
P6KE18CA
15.3
17.10
18.90
1
25.2
23.81
5
P6KE20
P6KE20C
16.2
18.00
22.00
1
29.1
20.62
5
P6KE20A
P6KE20CA
17.1
19.00
21.00
1
27.7
21.66
5
P6KE22
P6KE22C
17.8
19.80
24.20
1
31.9
18.81
5
P6KE22A
P6KE22CA
18.8
20.90
23.10
1
30.6
19.61
5
P6KE24
P6KE24C
19.4
21.60
26.40
1
34.7
17.29
5
P6KE24A
P6KE24CA
20.5
22.80
25.20
1
33.2
18.07
5
P6KE27
P6KE27C
21.8
24.30
29.70
1
39.1
15.35
5
P6KE27A
P6KE27CA
23.1
25.65
28.35
1
37.5
16.00
5
P6KE30
P6KE30C
24.3
27.00
33.00
1
43.5
13.79
5
P6KE30A
P6KE30CA
25.6
28.50
31.50
1
41.4
14.49
5
P6KE33
P6KE33C
26.8
29.70
36.30
1
47.7
12.58
5
P6KE33A
P6KE33CA
28.2
31.35
34.65
1
45.7
13.13
5
P6KE36
P6KE36C
29.1
32.40
39.60
1
52.0
11.54
5
P6KE36A
P6KE36CA
30.8
34.20
37.80
1
49.9
12.02
5
P6KE39
P6KE39C
31.6
35.10
42.90
1
56.4
10.64
5
P6KE39A
P6KE39CA
33.3
37.05
40.95
1
53.9
11.13
5
P6KE43
P6KE43C
34.8
38.70
47.30
1
61.9
9.69
5
P6KE43A
P6KE43CA
36.8
40.85
45.15
1
59.3
10.12
5
P6KE47
P6KE47C
38.1
42.30
51.70
1
67.8
8.85
5
P6KE47A
P6KE47CA
40.2
44.65
49.35
1
64.8
9.26
5
P6KE51
P6KE51C
41.3
45.90
56.10
1
73.5
8.16
5
P6KE51A
P6KE51CA
43.6
48.45
53.55
1
70.1
8.56
5
P6KE56
P6KE56C
45.4
50.40
61.60
1
80.5
7.45
5
P6KE56A
P6KE56CA
47.8
53.20
58.80
1
77.0
7.79
5
P6KE62
P6KE62C
50.2
55.80
68.20
1
89.0
6.74
5
P6KE62A
P6KE62CA
53.0
58.90
65.10
1
85.0
7.06
5
P6KE68
P6KE68C
55.1
61.20
74.80
1
98.0
6.12
5
P6KE68A
P6KE68CA
58.1
64.60
71.40
1
92.0
6.52
5
P6KE75
P6KE75C
60.7
67.50
82.50
1
108.0
5.56
5
P6KE75A
P6KE75CA
64.1
71.25
78.75
1
103.0
5.83
5
P6KE82
P6KE82C
66.4
73.80
90.20
1
118.0
5.08
5
P6KE82A
P6KE82CA
70.1
77.90
86.10
1
113.0
5.31
5
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com