Electronic Components Datasheet Search
  English  ▼

X  

KC-133 Datasheet(PDF) 39 Page - Socay Electornics Co., Ltd.

Part # KC-133
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

KC-133 Datasheet(HTML) 39 Page - Socay Electornics Co., Ltd.

Back Button KC-133 Datasheet HTML 35Page - Socay Electornics Co., Ltd. KC-133 Datasheet HTML 36Page - Socay Electornics Co., Ltd. KC-133 Datasheet HTML 37Page - Socay Electornics Co., Ltd. KC-133 Datasheet HTML 38Page - Socay Electornics Co., Ltd. KC-133 Datasheet HTML 39Page - Socay Electornics Co., Ltd. KC-133 Datasheet HTML 40Page - Socay Electornics Co., Ltd. KC-133 Datasheet HTML 41Page - Socay Electornics Co., Ltd. KC-133 Datasheet HTML 42Page - Socay Electornics Co., Ltd. KC-133 Datasheet HTML 43Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
www.socay.com
39
Axial Lead Transient Voltage Suppressors (TVS)
3KP Series
5.0 To 190 V
3000W
Uni-directional
Bi-directional
u
Glass passivated chip junction in P600 Package
u
Low leakage
u
Uni and Bidirectional unit
u
Excellent clamping capability
u
3000W Peak power capability at 10
× 1000µs waveform
Repetition rate (duty cycle):0.01%
u
Fast response time: typically less than 1.0ps from 0 Volts to
VBR min
u
Typical IR less than 5μA above 12V.
u
High Temperature soldering: 260
°C/40 seconds at terminals
u
Typical maximum temperature coefficient
ΔVBR = 0.1% ×
VBR@25°C× ΔT
u
Plastic package has Underwriters Laboratory Flammability
94V-0
u
Matte tin lead
–free Plated
u
Halogen free and RoHS compliant
u
Typical failure mode is short from over-specified voltage or
current
u
Whisker test is conducted based on JEDEC JESD201A per its
table 4a and 4c
u
IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)
u
ESD protection of data lines in accordance with IEC 61000-4-2
(IEC801-2)
u
EFT protection of data lines in accordance with IEC 61000-4-4
(IEC801-4)
R6/P600
Inches
Millimeters
Dimensions
Min
Max
Min
Max
A
1.000
-
25.40
-
B
0.340
0.360
8.64
9.14
C
0.048
0.052
1.22
1.32
D
0.340
0.360
8.64
9.14
Features
Dimensions
R6/P600
Cathode Band



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com