Electronic Components Datasheet Search
  English  ▼

X  

KC-170 Datasheet(PDF) 4 Page - Socay Electornics Co., Ltd.

Part # KC-170
Description  Surface Mount Transient Voltage Suppressors (TVS)
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

KC-170 Datasheet(HTML) 4 Page - Socay Electornics Co., Ltd.

  KC-170 Datasheet HTML 1Page - Socay Electornics Co., Ltd. KC-170 Datasheet HTML 2Page - Socay Electornics Co., Ltd. KC-170 Datasheet HTML 3Page - Socay Electornics Co., Ltd. KC-170 Datasheet HTML 4Page - Socay Electornics Co., Ltd. KC-170 Datasheet HTML 5Page - Socay Electornics Co., Ltd. KC-170 Datasheet HTML 6Page - Socay Electornics Co., Ltd. KC-170 Datasheet HTML 7Page - Socay Electornics Co., Ltd. KC-170 Datasheet HTML 8Page - Socay Electornics Co., Ltd. KC-170 Datasheet HTML 9Page - Socay Electornics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
www.socay.com
4
Surface Mount Transient Voltage Suppressors (TVS)
SMAJ Series
5.0 To 440 V
400W
Part Number
Marking
Breakdown
Voltage VBR
(V)
@IT
Uni
Bi
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM(V)
MIN
MAX
Test
Current
IT
(mA)
Maximum
Clamping
Voltage
VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(
μA)
SMAJ5.0
SMAJ5.0C
AD
WD
5.0
6.40
7.30
10
9.6
41.67
800
SMAJ5.0A
SMAJ5.0CA
AE
WE
5.0
6.40
7.00
10
9.2
43.48
800
SMAJ6.0
SMAJ6.0C
AF
WF
6.0
6.67
8.15
10
11.4
35.09
800
SMAJ6.0A
SMAJ6.0CA
AG
WG
6.0
6.67
7.37
10
10.3
38.83
800
SMAJ6.5
SMAJ6.5C
AH
WH
6.5
7.22
8.82
10
12.3
32.52
500
SMAJ6.5A
SMAJ6.5CA
AK
WK
6.5
7.22
7.98
10
11.2
35.71
500
SMAJ7.0
SMAJ7.0C
AL
WL
7.0
7.78
9.51
10
13.3
30.08
200
SMAJ7.0A
SMAJ7.0CA
AM
WM
7.0
7.78
8.60
10
12.0
33.33
200
SMAJ7.5
SMAJ7.5C
AN
WN
7.5
8.33
10.20
1
14.3
27.97
100
SMAJ7.5A
SMAJ7.5CA
AP
WP
7.5
8.33
9.21
1
12.9
31.01
100
SMAJ8.0
SMAJ8.0C
AQ
WQ
8.0
8.89
10.90
1
15.0
26.67
50
SMAJ8.0A
SMAJ8.0CA
AR
WR
8.0
8.89
9.83
1
13.6
29.41
50
SMAJ8.5
SMAJ8.5C
AS
WS
8.5
9.44
11.50
1
15.9
25.16
10
SMAJ8.5A
SMAJ8.5CA
AT
WT
8.5
9.44
10.40
1
14.4
27.78
10
SMAJ9.0
SMAJ9.0C
AU
WU
9.0
10.00
12.20
1
16.9
23.67
5
SMAJ9.0A
SMAJ9.0CA
AV
WV
9.0
10.00
11.10
1
15.4
25.97
5
SMAJ10
SMAJ10C
AW
WW
10.0
11.10
13.60
1
18.8
21.28
5
SMAJ10A
SMAJ10CA
AX
WX
10.0
11.10
12.30
1
17.0
23.53
5
SMAJ11
SMAJ11C
AY
WY
11.0
12.20
14.90
1
20.1
19.90
5
SMAJ11A
SMAJ11CA
AZ
WZ
11.0
12.20
13.50
1
18.2
21.98
5
SMAJ12
SMAJ12C
BD
XD
12.0
13.30
16.30
1
22.0
18.18
5
SMAJ12A
SMAJ12CA
BE
XE
12.0
13.30
14.70
1
19.9
20.10
5
SMAJ13
SMAJ13C
BF
XF
13.0
14.40
17.60
1
23.8
16.81
5
SMAJ13A
SMAJ13CA
BG
XG
13.0
14.40
15.90
1
21.5
18.60
5
SMAJ14
SMAJ14C
BH
XH
14.0
15.60
19.10
1
25.8
15.50
5
SMAJ14A
SMAJ14CA
BK
XK
14.0
15.60
17.20
1
23.2
17.24
5
SMAJ15
SMAJ15C
BL
XL
15.0
16.70
20.40
1
26.9
14.87
5
SMAJ15A
SMAJ15CA
BM
XM
15.0
16.70
18.50
1
24.4
16.39
5
SMAJ16
SMAJ16C
BN
XN
16.0
17.80
21.80
1
28.8
13.89
5
SMAJ16A
SMAJ16CA
BP
XP
16.0
17.80
19.70
1
26.0
15.38
5
SMAJ17
SMAJ17C
BQ
XQ
17.0
18.90
23.10
1
30.5
13.11
5
SMAJ17A
SMAJ17CA
BR
XR
17.0
18.90
20.90
1
27.6
14.49
5
SMAJ18
SMAJ18C
BS
XS
18.0
20.00
24.40
1
32.2
12.42
5
SMAJ18A
SMAJ18CA
BT
XT
18.0
20.00
22.10
1
29.2
13.70
5
SMAJ19
SMAJ19C
BA
XA
19.0
21.13
25.76
1
34.0
11.76
5
SMAJ19A
SMAJ19CA
BB
XB
19.0
21.10
23.30
1
30.8
13.00
5
SMAJ20
SMAJ20C
BU
XU
20.0
22.20
27.10
1
35.8
11.17
5
SMAJ20A
SMAJ20CA
BV
XV
20.0
22.20
24.50
1
32.4
12.35
5
SMAJ22
SMAJ22C
BW
XW
22.0
24.40
29.80
1
39.4
10.15
5
SMAJ22A
SMAJ22CA
BX
XX
22.0
24.40
26.90
1
35.5
11.27
5
SMAJ24
SMAJ24C
BY
XY
24.0
26.70
32.60
1
43.0
9.30
5
SMAJ24A
SMAJ24CA
BZ
XZ
24.0
26.70
29.50
1
38.9
10.28
5
SMAJ26
SMAJ26C
CD
YD
26.0
28.90
35.30
1
46.6
8.56
5
SMAJ26A
SMAJ26CA
CE
YE
26.0
28.90
31.90
1
42.1
9.50
5
SMAJ28
SMAJ28C
CF
YF
28.0
31.10
38.00
1
50.0
8.00
5
SMAJ28A
SMAJ28CA
CG
YG
28.0
31.10
34.40
1
45.4
8.81
5
SMAJ30
SMAJ30C
CH
YH
30.0
33.30
40.70
1
53.5
7.48
5
SMAJ30A
SMAJ30CA
CK
YK
30.0
33.30
36.80
1
48.4
8.26
5
SMAJ33
SMAJ33C
CL
YL
33.0
36.70
44.90
1
59.0
6.78
5
SMAJ33A
SMAJ33CA
CM
YM
33.0
36.70
40.60
1
53.3
7.50
5
SMAJ36
SMAJ36C
CN
YN
36.0
40.00
48.90
1
64.3
6.22
5
SMAJ36A
SMAJ36CA
CP
YP
36.0
40.00
44.20
1
58.1
6.88
5
SMAJ40
SMAJ40C
CQ
YQ
40.0
44.40
54.30
1
71.4
5.60
5
SMAJ40A
SMAJ40CA
CR
YR
40.0
44.40
49.10
1
64.5
6.20
5
SMAJ43
SMAJ43C
CS
YS
43.0
47.80
58.40
1
76.7
5.22
5
SMAJ43A
SMAJ43CA
CT
YT
43.0
47.80
52.80
1
69.4
5.76
5
Electrical Characteristics (TA=25℃ unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com