Electronic Components Datasheet Search
  English  ▼

X  

C8C8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # C8C8
Description  Seams continuously welded and ground smooth; no holes or knockouts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

C8C8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  C8C8 Datasheet HTML 1Page - List of Unclassifed Manufacturers C8C8 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec-00356 F
Junction Boxes Consolets
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
Mild steel
1
Spec-00356
F763.422.2211
763.422.2600
Mild steel
Junction Boxes
consolets
consolets
industRY stAndARds
UL 508A Listed; Type 12, 13; File No. E61997
cUL Listed per CSA C22.2 No. 94; Type 12, 13; File No. E61997
NEMA/EEMAC Type 12, 13
CSA File Number 42186: Type 12
IEC 60529, IP65
APPlicAtion
Consolets are ideal for mounting small control or instrumentation
devices where the desirable access requires a 30- or 60-degree
surface. These enclosures can be mounted on either of two sides
for placement on desktops, pedestals or other flat surfaces.
sPeciFicAtions
•
14 gauge steel
•
Seams continuously welded and ground smooth; no holes or
knockouts
•
Captivated cover screws thread into sealed wells
•
Bonding provision on cover
•
Oil-resistant gasket and adhesive
•
Control panel attached with continuous hinge along bottom edge
FinisH
ANSI 61 gray polyester powder paint inside and out over pretreated
surfaces.
AccessoRies
See also Accessories.
Industrial Corrosion Inhibitors
Latch Kits for Type 4 and 12 Enclosures
Mounting Bracket Kits
Touch-Up Paint
Steel and Stainless Steel Window Kits
notes
See the Stainless Steel chapter for information on related stainless
steel products.
Bulletin: c5, p1
Standard Product
  consolets
Catalog Number
AxBxC in./mm
E
in./mm
H
in./mm
J
in./mm
K
in./mm
L
in./mm
N
in./mm
C8C8
8.00 x 8.00 x 7.09
203 x 203 x 180
5.62
143
8.28
210
8.28
210
7.50
191
6.62
168
7.44
189
C8C12
8.00 x 12.00 x 7.09
203 x 305 x 180
5.62
143
8.28
210
12.28
312
11.50
292
6.62
168
7.44
189
C8C16
8.00 x 16.00 x 7.09
203 x 406 x 180
5.62
143
8.28
210
16.28
414
15.50
394
6.62
168
7.44
189
C8C20
8.00 x 20.00 x 7.09
203 x 508 x 180
5.62
143
8.28
210
20.28
515
19.50
495
6.62
168
7.44
189
C12C12
12.00 x 12.00 x 9.09
305 x 305 x 231
7.62
194
12.28
312
12.28
312
11.50
292
10.62
270
10.91
277
C12C16
12.00 x 16.00 x 9.09
305 x 406 x 231
7.62
194
12.28
312
16.28
414
15.50
394
10.62
270
10.91
277
C12C20
12.00 x 20.00 x 9.09
305 x 508 x 231
7.62
194
12.28
312
20.28
515
19.50
495
10.62
270
10.91
277
C12C24
12.00 x 24.00 x 9.09
305 x 610 x 231
7.62
194
12.28
312
24.28
617
23.50
597
10.62
270
10.91
277
C16C16
16.00 x 16.00 x 11.09
406 x 406 x 282
9.62
244
16.28
414
16.28
414
15.50
394
14.62
371
14.38
365
C16C20
16.00 x 20.00 x 11.09
406 x 508 x 282
9.62
244
16.28
414
20.28
515
19.50
495
14.62
371
14.38
365
C16C24
16.00 x 24.00 x 11.09
406 x 610 x 282
9.62
244
16.28
414
24.28
617
23.50
597
14.62
371
14.38
365
C16C30
16.00 x 30.00 x 11.09
406 x 762 x 282
9.62
244
16.28
414
30.28
769
29.50
749
14.62
371
14.38
365
C16C36
16.00 x 36.00 x 11.09
406 x 914 x 282
9.62
244
16.28
414
36.28
922
35.50
902
14.62
371
14.38
365
C20C20
20.00 x 20.00 x 13.09
508 x 508 x 332
11.62
295
20.28
515
20.28
515
18.62
473
18.62
473
17.84
453
C20C24
20.00 x 24.00 x 13.09
508 x 610 x 332
11.62
295
20.28
515
24.28
617
22.62
575
18.62
473
17.84
453
C20C30
20.00 x 30.00 x 13.09
508 x 762 x 332
11.62
295
20.28
515
30.28
769
28.62
727
18.62
473
17.84
453


Similar Part No. - C8C8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C8C8 ETC2-C8C8 Datasheet
310Kb / 2P
HMI - Human-Machine Interface: Consolets
More results

Similar Description - C8C8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A1812 ETC2-A1812 Datasheet
12Kb / 1P
VHF NO GROUND PLANE ANTENNA
logo
Advanced Technical Mate...
AF064-10 ATM-AF064-10 Datasheet
127Kb / 1P
CONTINUOUSLY VARIABLE ATTENUATORS
logo
Silicon Laboratories
SI3226 SILABS-SI3226 Datasheet
671Kb / 38P
Low-power sleep mode On-hook transmission Loop or ground start operation Smooth polarity reversal
logo
Ohmite Mfg. Co.
HPW OHMITE-HPW Datasheet
310Kb / 2P
High Precision Welded Axial and Radial
RES-90 OHMITE-RES-90 Datasheet
377Kb / 2P
All-welded construction
RES-AXIOHM OHMITE-RES-AXIOHM Datasheet
311Kb / 2P
Welded construction
logo
Anaren Microwave
20-120RP-S ANAREN-20-120RP-S Datasheet
251Kb / 2P
Welded Silver Leads
RFP-400-XXXR-S ANAREN-RFP-400-XXXR-S Datasheet
258Kb / 2P
Welded Silver Leads
logo
Ohmite Mfg. Co.
90-SERIES OHMITE-90-SERIES Datasheet
377Kb / 2P
All-welded construction
logo
Entegris, Inc
H20 ENTEGRIS-H20 Datasheet
84Kb / 5P
Through holes are square or rectangular with a width and a height
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com