| Electronic Components Datasheet Search |
|
C340 Datasheet(PDF) 8 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
C340 Datasheet(HTML) 8 Page - Kemet Corporation |
|
8 / 16 page ![]() © KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300 15 DIMENSIONS INCHES (MILLIMETERS) For packaging information, see pages 47 and 48. ORDERING INFORMATION Drawings are not to scale. See table below for dimensions. See page 16 for optional lead configurations. (1) Lead configuration depends on capacitance value. (2) H dimensions does not include meniscus. STANDARD LEAD CONFIGURATION OUTLINE DRAWINGS CERAMIC CONFORMALLY COATED/RADIAL “STANDARD & HIGH VOLTAGE GOLD MAX” Case Size L Max. H. Max. Standard T Max. High Voltage T Max. S(1) ±.030 (.78) LD +.004(.10) -.001(.025) LL Min. C315 0.150 (3.81) 0.210 (5.33) 0.100 (2.54) 0.150 (3.81) 0.100 (2.54) 0.020 (.51) 0.276 (7.00) C317 0.150 (3.81) 0.230 (5.84) 0.100 (2.54) 0.150 (3.81) 0.200 (5.08) 0.020 (.51) 0.276 (7.00) C320 0.200 (5.08) 0.260 (6.60) 0.125 (3.18)(2) 0.200 (5.08) 0.100 (2.54) 0.020 (.51) 0.276 (7.00) C322 0.200 (5.08) 0.260 (6.60) 0.125 (3.18) 0.200 (5.08) 0.200 (5.08) 0.020 (.51) 0.276 (7.00) C323 0.200 (5.08) 0.320 (8.13) 0.125 (3.18) 0.200 (5.08) 0.200 (5.08) 0.020 (.51) 0.276 (7.00) C330 0.300 (7.62) 0.360 (9.14) 0.150 (3.81) 0.250 (6.35) 0.200 (5.08) 0.020 (.51) 0.276 (7.00) C333 0.300 (7.62) 0.390 (9.91) 0.150 (3.81) 0.250 (6.35) 0.200 (5.08) 0.020 (.51) 0.276 (7.00) C340 0.400 (10.16) 0.460 (11.68) 0.150 (3.81) 0.270 (6.86) 0.200 (5.08) 0.020 (.51) 0.276 (7.00) C350 0.500 (12.70) 0.560 (14.22) 0.200 (5.08) 0.270 (6.86) 0.400 (10.16) 0.025 (.64) 0.276 (7.00) Note: 1 inch = 25.4mm. Note (1): Measured at seating plane. Note (2): Thickness = 0.16" (4.064mm) for C320 from 4.7 - 10.0 F. (1) (1) C 320 C 102 M 1 R 5 T A CERAMIC CASE SIZE See TableAbove SPECIFICATION C – Standard CAPACITANCE PICOFARAD CODE Expressed in picofarads (pF). First two digits represent significant figures. Third digit specifies number of zeros. Use 9 for 1.0 thru 9.9 pF. Example 2.2pF = 229 CAPACITANCE TOLERANCE C0G: C – ±0.25pF; D – ±0.5pF; F – ±1%; G – ±2%; J – ±5%, X7R: K – ±10%; M – ±20%; P – 0, -100%; Z – -20,+80% Z5U: M – ±20%; P – 0, -100%; Z – -20,+80% RATED VOLTAGE (DC) 3 – 25 D – 1000 5 – 50 F – 1500 1 – 100 G – 2000 2 – 200 Z – 2500 A– 250 H – 3000 C – 500 FAILURE RATE A– NotApplicable LEAD MATERIAL T – 100% Tin (Sn) H – 60/40% Tin/Lead (SnPb) INTERNAL CONSTRUCTION 5 – Multilayer DIELECTRIC EIADesignation G – C0G (NP0) - Ultra Stable R – X7R - Stable U – Z5U - General Purpose |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |