Electronic Components Datasheet Search
  English  ▼

X  

CA202 Datasheet(PDF) 1 Page - Altech corporation

Part # CA202
Description  CASP is a DIN Rail mountable spacer generally used for circuit separation
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

CA202 Datasheet(HTML) 1 Page - Altech corporation

  CA202 Datasheet HTML 1Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
END STOPS
End Stops prevent terminal
blocks and other DIN Rail
mount components and
devices from moving
laterally on the rail. They
are available in polyamide
6.6 and metal
configurations for
35mm, 32mm, and
15mm DIN rails.
CA102 and CA202 are
large endstops for
heavy duty
applications. CA103
is a screwless
endstop and snaps
on to the DIN rail.
SPACER / SEPARATOR
CASP is a DIN Rail
mountable spacer generally
used for circuit separation.
DIN RAIL
MOUNTING FOOT
CMTB-35 is used to
assemble components on a
DIN rail. Comes with pre-
punched holes.
• Support bracket for DIN rail
mounting parts
• Hole Qty x dia., 4x4.3mm,
2x5mm
GROUP IDENTIFICATION
GMH6 & GMH7 is used for
custom identification for
assembled terminal blocks. A
small piece of paper can be
inserted in the slot which is
covered with a transparent
plastic sheet.
CA602
CA702
CA802
Polyamide 6.6
20 x 28 x 8 mm
Cat. No.
Std. Pk.
CA602
50
15 mm
DIN Rails
Material
Dimensions
H x L x W
Suitable for
Polyamide 6.6
34 x 44 x 9 mm
Cat. No.
Std. Pk.
CA702
50
32 and 35 mm
DIN Rails
CA102
CA202
Polyamide 6.6
46 x 50 x 9 mm
Cat. No.
Std. Pk.
CA102
50
32 and 35 mm
DIN Rails
Polyamide 6.6
44.5 x 50 x 9.5 mm
Cat. No.
Std. Pk.
CA202
50
35 mm
DIN Rails
Polyamide 6.6
32 x 45 x 8 mm
Cat. No.
Std. Pk.
CA802
50
35 mm
DIN Rails
CASP
Polyamide 6.6
29 x 43 x 8 mm
Cat. No.
Std. Pk.
CASP
50
All DIN Rails
Polyamide 6.6
18 x 58 x 18 mm
Cat. No.
Std. Pk.
CMTB-35
50
Mounting Foot for
35 mm DIN rails
CA502
CA302
CA402
Steel
25 x 22.5 x 11.5 mm
Cat. No.
Std. Pk.
CA502
50
32 mm DIN Rails
CA103
Polyamide
41 x 35 x 6 mm
Cat. No.
Std. Pk.
CA103
50
35 mm DIN Rails
Steel
27 x 39.5 x 16 mm
Cat. No.
Std. Pk.
CA302
50
35x7.5mm DIN Rails
Steel
27 x 39.5 x 16 mm
Cat. No.
Std. Pk.
CA402
50
35x15 mm DIN Rails
CMTB-35
Polyamide 6.6
46.5 x 44.5 x 9.5 mm
Cat. No.
Std. Pk.
GMH6
50
All DIN Rails
GMH6
Polyamide 6.6
46.5 x 44.5 x 19.5 mm
Cat. No.
Std. Pk.
GMH7
50
All DIN Rails
GMH7
Material
Dimensions
H x L x W
Suitable for
Material
Dimensions
H x L x W
Suitable for
63
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com


Similar Part No. - CA202

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CA20 XPPOWER-CA20 Datasheet
1Mb / 7P
PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
CA20-T XPPOWER-CA20-T Datasheet
853Kb / 7P
PRECISION REGULATED, LOW RIPPLE HIGH VOLTAGE DC TO DC CONVERTERS
logo
Extech Instruments Corp...
CA200 EXTECH-CA200 Datasheet
297Kb / 1P
200A AC Clamp-on Adaptor
logo
TM Electronics Inc
CA2005 TM-CA2005 Datasheet
63Kb / 2P
T TYPE THERMOCOUPLE THERMOMETER WITH HOLD FUNCTION
V2
logo
Extech Instruments Corp...
CA200 EXTECH-CA200_15 Datasheet
297Kb / 1P
200A AC Clamp-on Adaptor
More results

Similar Description - CA202

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
NES120 LAMBDA-NES120 Datasheet
674Kb / 3P
DIN rail mountable type 30 ~ 240W
logo
Chinfa Electronics Ind....
DRP10 CHINFA-DRP10 Datasheet
156Kb / 3P
10A DIN RAIL MOUNTABLE REDUNDANT MODULE
DRP20 CHINFA-DRP20 Datasheet
299Kb / 3P
20A DIN RAIL MOUNTABLE REDUNDANT MODULE
logo
TDK Electronics
NES240-24 TDK-NES240-24 Datasheet
259Kb / 3P
DIN rail mountable
logo
List of Unclassifed Man...
84115501 ETC2-84115501 Datasheet
520Kb / 4P
DIN-Rail Mountable Single Point Input Modules
DR-IAC5 ETC2-DR-IAC5 Datasheet
550Kb / 4P
DIN-Rail Mountable Single Point Input Modules
logo
Powerbox
PBDRP10 POWERBOX-PBDRP10 Datasheet
44Kb / 1P
10A REDUNDANT MODULE DIN RAIL MOUNTABLE
PBDRP20 POWERBOX-PBDRP20 Datasheet
51Kb / 1P
20A REDUNDANT MODULE DIN RAIL MOUNTABLE
logo
Weidmuller
6720005430 WEIDMULLER-6720005430 Datasheet
902Kb / 6P
AC Outlet DIN-Rail Mountable Receptacles
logo
PHOENIX CONTACT
100695 PHOENIX-100695 Datasheet
376Kb / 7P
Thermomagnetic circuit breaker for mounting on a DIN rail
2012-03-09
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com