Electronic Components Datasheet Search
  English  ▼

X  

CC-DEBUGGER Datasheet(PDF) 13 Page - Texas Instruments

Part # CC-DEBUGGER
Description  SWRU197H?밪eptember 2010?밨evised April 2014
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC-DEBUGGER Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC-DEBUGGER Datasheet HTML 9Page - Texas Instruments CC-DEBUGGER Datasheet HTML 10Page - Texas Instruments CC-DEBUGGER Datasheet HTML 11Page - Texas Instruments CC-DEBUGGER Datasheet HTML 12Page - Texas Instruments CC-DEBUGGER Datasheet HTML 13Page - Texas Instruments CC-DEBUGGER Datasheet HTML 14Page - Texas Instruments CC-DEBUGGER Datasheet HTML 15Page - Texas Instruments CC-DEBUGGER Datasheet HTML 16Page - Texas Instruments CC-DEBUGGER Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
www.ti.com
Using the CC Debugger
7
Using the CC Debugger
After having connected the debugger to the target device, the debugger can be powered up by plugging in
the USB cable.
The debugger immediately starts a device detection process, looking for all known devices. If no devices
are detected, the LED will be RED. If a device is detected, the LED will be GREEN.
If the LED is GREEN, it is possible to start using the debugger together with one of the supported PC
tools.
7.1
Understanding the LED
Table 3. Understanding the LED
OFF
The debugger has no power or there is no valid firmware on the debugger. Make sure the debugger is
properly powered via the USB cable or try to resurrect the debugger using the method described in
Section 8.4.
AMBER (BOTH LEDS ON)
The debugger is powered, but there is no valid firmware. Try to resurrect the debugger using the method
described in Section 8.4.
RED LED BLINKING
The Debugger is in Boot Recovery Mode.
The debugger briefly enters this state while the firmware is being upgraded (see Section 8). The board might
also enter this state if the firmware is corrupt or if the user has manually forced the board to start up in the
special “boot recovery mode” (see Section 8.3).
To go out of the state, reset the debugger by pressing the Reset button or by power-cycling the device. If the
LED is still blinking, reprogram the unit by using the Flash Programmer Application.
RED LED ON
No device detected. This might be due to old firmware on the CC Debugger. New devices might not be
supported with the current firmware on the debugger. For the firmware upgrade procedure, see Section 8.
There might also be a problem with the hardware connection. Check the connection to device and make sure
the target board is properly powered and that VDD on the target board is connected to pin 2 on the debug
connector. Press and release the reset button to retry the target device detection.
GREEN LED ON
The target device has been properly detected. It is possible to start using the supported tools (see
Section 5.2).
13
SWRU197H – September 2010 – Revised April 2014
CC Debugger
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com