Electronic Components Datasheet Search
  English  ▼

X  

CC1201 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CC1201
Description  SWRU197H?밪eptember 2010?밨evised April 2014
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC1201 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC1201 Datasheet HTML 3Page - Texas Instruments CC1201 Datasheet HTML 4Page - Texas Instruments CC1201 Datasheet HTML 5Page - Texas Instruments CC1201 Datasheet HTML 6Page - Texas Instruments CC1201 Datasheet HTML 7Page - Texas Instruments CC1201 Datasheet HTML 8Page - Texas Instruments CC1201 Datasheet HTML 9Page - Texas Instruments CC1201 Datasheet HTML 10Page - Texas Instruments CC1201 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Pin 1
Pin 2
Pin 1
Pin 2
www.ti.com
Connecting the CC Debugger to the Device
6
Connecting the CC Debugger to the Device
6.1
Target Connector Details
The target connector, located on the lateral side of the debugger, is a 10-pin 2x5 2.54 mm pitch connector
with a direction coded plastic guide. Suggested matching (male) surface mounted headers would be
95278-101A10LF from FCI or BB02-HP from GradConn.
Figure 2. Placement of Target Connector Pins
The adapter board, which has a 10-pin 2x5 1.27 mm pitch connector, has the same pin placement.
Suggested matching (male) surface mounted headers would be 20021121-000-10C4LF from FCI or FTS-
105-01-F-DV from Samtec.
Figure 3. Placement of Target Connector Pins on Adapter Board
The pin-out of the target connector is shown in Figure 4. Note that not all of these pins need to be
connected to the target device for programming and debugging. Only VDD, GND, DD, DC and RESET are
required for the SoC. The other pins are optional or for special features.
7
SWRU197H – September 2010 – Revised April 2014
CC Debugger
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com