Electronic Components Datasheet Search
  English  ▼

X  

CC2520 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # CC2520
Description  SWRU197H?밪eptember 2010?밨evised April 2014
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2520 Datasheet(HTML) 12 Page - Texas Instruments

Back Button CC2520 Datasheet HTML 8Page - Texas Instruments CC2520 Datasheet HTML 9Page - Texas Instruments CC2520 Datasheet HTML 10Page - Texas Instruments CC2520 Datasheet HTML 11Page - Texas Instruments CC2520 Datasheet HTML 12Page - Texas Instruments CC2520 Datasheet HTML 13Page - Texas Instruments CC2520 Datasheet HTML 14Page - Texas Instruments CC2520 Datasheet HTML 15Page - Texas Instruments CC2520 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
2
1
4
3
6
5
8
7
10
9
GND
RESETn
RESETn
Vdd
GND
Vdd
CC Debugger
Connector
CC85xx
CSn
SCLK
MOSI
MISO
MISO
MOSI
SCLK
CSn
3.3 V from debugger.
Can optionally be
used to power the
target board
2
1
4
3
6
5
8
7
10
9
GND
DC
DD
GDO2
GDO0
Vdd
GND
Vdd
CC Debugger
Connector
Cc110x
CC11xL
Cc2500
CSn
SCLK
MOSI
MISO
SO
SI
SCLK
CSn
3.3 V from debugger.
Can optionally be
used to power the
target board
2
1
4
3
6
5
8
7
10
9
GND
DC
RESETn
DD
GPIO2
GPIO0
RESETn
Vdd
GND
Vdd
CC Debugger
Connector
CC112x
CC1175
CC120x
CSn
SCLK
MOSI
MISO
SO
SI
SCLK
CSn
3.3 V from debugger.
Can optionally be
used to power the
target board
Connecting the CC Debugger to the Device
www.ti.com
Figure 9. CC Debugger Connected to CC112x/CC1175/CC120x
Figure 10. CC Debugger Connected to CC110x/CC11xL/CC2500
6.4
Connecting the CC Debugger to a CC85xx
In order to configure the CC85xx devices (program the Flash on the device) with PurePath Wireless
Configurator, the device’s SPI interface must be connected to the CC Debugger as shown in Figure 11.
Figure 11. CC Debugger Connected to CC85XX
12
CC Debugger
SWRU197H – September 2010 – Revised April 2014
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com