Electronic Components Datasheet Search
  English  ▼

X  

2SD896 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2SD896
Description  Silicon NPN Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SD896 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SD896 Datasheet HTML 1Page - Savantic, Inc. 2SD896 Datasheet HTML 2Page - Savantic, Inc. 2SD896 Datasheet HTML 3Page - Savantic, Inc. 2SD896 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SD896
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=50mA ;RBE=<
100
V
V(BR)CBO
Collector-base breakdown voltage
IC=5mA ;IE=0
120
V
V(BR)EBO
Emitter-base breakdown voltage
IE=5mA ;IC=0
6
V
VCEsat
Collector-emitter saturation voltage
IC=4A ;IB=0.4A
0.6
2.0
V
VBE
Base-emitter on voltage
IC=1A;VCE=5V
1.5
V
ICBO
Collector cut-off current
VCB=80V IE=0
0.1
mA
IEBO
Emitter cut-off current
VEB=4V; IC=0
0.1
mA
hFE-1
DC current gain
IC=1A ; VCE=5V
60
200
hFE-2
DC current gain
IC=4A ; VCE=5V
20
fT
Transition frequency
IC=1A ; VCE=5V
15
MHz
COB
Collector output capacitance
f=1MHz;VCB=10V
140
pF
Switching times
ton
Turn-on time
0.2
µs
tstg
Storage time
6.0
µs
tf
Fall time
IC=1.0A; IB1=-IB2=0.1A
RL=20D;VCC=20V
0.6
µs
hFE-1 Classifications
D
E
60-120
100-200



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com