Electronic Components Datasheet Search
  English  ▼

X  

GP500LSS06S Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # GP500LSS06S
Description  Single Switch IGBT Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP500LSS06S Datasheet(HTML) 1 Page - Dynex Semiconductor

  GP500LSS06S Datasheet HTML 1Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 2Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 3Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 4Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 5Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 6Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 7Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 8Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
GP500LSS06S
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
1/10
www.dynexsemi.com
KEY PARAMETERS
V
CES
600V
V
CE(sat)
(typ)
2.2V
I
C25
(max) 700A
I
C75
(max) 500A
I
C(PK)
(max) 1400A
FEATURES
s
n - Channel
s
High Switching Speed
s
Low Forward Voltage Drop
s
Isolated Base
APPLICATIONS
s
PWM Motor Contro
l
s
UPS
The Powerline range of modules includes half bridge,
chopper, dual and single switch configurations covering voltages
from 600V to 3300V and currents up to 2400A.
The GP500LSS06S is a single switch 600V n channel
enhancement mode insulated gate bipolar transistor (IGBT)
module. The module is suitable for a variety of medium voltage
applications in motor drives and power conversion.
The IGBT has a wide reverse bias safe operating area
(RBSOA) for ultimate reliability in demanding applications.
These modules incorporate electrically isolated base plates
and low inductance construction enabling circuit designers to
optimise circuit layouts and utilise earthed heat sinks for safety.
Typical applications include dc motor drives, ac pwm
drivesand ups systems.
ORDERING INFORMATION
Order as:
GP500LSS06S
Note: When ordering, use complete part number.
GP500LSS06S
Single Switch IGBT Module
Replaces January 2000 version, DS4324-5.0
DS4324-6.0 October 2001
Fig. 1 Single switch circuit diagram
Fig. 2 Electrical connections - (not to scale)
Outline type code: L
(See package details for further information)
2(E)
3(G1)
1(C)
5(E1)
4(C1)
1
2
3
5
4


Similar Part No. - GP500LSS06S

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GP50 XPPOWER-GP50 Datasheet
568Kb / 6P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Frontier Electronics.
GP50-005 FRONTIER-GP50-005 Datasheet
124Kb / 2P
5A GENERAL PURPOSE PLASTIC RECTIFIER
GP50-01 FRONTIER-GP50-01 Datasheet
124Kb / 2P
5A GENERAL PURPOSE PLASTIC RECTIFIER
GP50-02 FRONTIER-GP50-02 Datasheet
124Kb / 2P
5A GENERAL PURPOSE PLASTIC RECTIFIER
GP50-04 FRONTIER-GP50-04 Datasheet
124Kb / 2P
5A GENERAL PURPOSE PLASTIC RECTIFIER
More results

Similar Description - GP500LSS06S

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DIM2400ESM17-A000 DYNEX-DIM2400ESM17-A000 Datasheet
180Kb / 10P
Single Switch IGBT Module
GP1200FSS18 DYNEX-GP1200FSS18 Datasheet
132Kb / 10P
Single Switch IGBT Module
DIM800NSM33-F000 DYNEX-DIM800NSM33-F000_12 Datasheet
365Kb / 8P
Single Switch IGBT Module
DIM1200FSS12-A000 DYNEX-DIM1200FSS12-A000 Datasheet
350Kb / 8P
Single Switch IGBT Module
DIM1800ESM12-A000 DYNEX-DIM1800ESM12-A000 Datasheet
331Kb / 8P
Single Switch IGBT Module
DIM1800ESS12-A000 DYNEX-DIM1800ESS12-A000 Datasheet
368Kb / 8P
Single Switch IGBT Module
DIM800XSM45-TS000 DYNEX-DIM800XSM45-TS000 Datasheet
403Kb / 8P
Single Switch IGBT Module
DIM800XSM45-TS001 DYNEX-DIM800XSM45-TS001 Datasheet
403Kb / 8P
Single Switch IGBT Module
DIM1200ASM45-TL000 DYNEX-DIM1200ASM45-TL000 Datasheet
406Kb / 8P
Single Switch IGBT Module
DIM1200ASM45-TS000 DYNEX-DIM1200ASM45-TS000 Datasheet
398Kb / 8P
Single Switch IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com