Electronic Components Datasheet Search
  English  ▼

X  

FDC2310 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # FDC2310
Description  Open Carrier Frequency Doubler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

FDC2310 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  FDC2310 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. FDC2310 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. FDC2310 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Open Carrier Frequency Doubler
For Microwave Telecommunications
Rev. V1
FDC2310
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Input Frequency 1.5 to 8.0 GHz
• Output Frequency 3.0 to 16.0 GHz
• Input Drive Level +10 dBm (nominal)
• Microstrip Interface
Description
The FDC2310 is a passive bridge diode frequency doubler, de-
signed for use in military, commercial and test equipment applica-
tions. The design utilizes Schottky bridge quad diodes and broad-
band soft dielectric baluns to attain excellent performance.
Envi-
ronmental screening available to MIL-STD-883, MIL-STD-202, or
MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
FDC2310
Open Carrier
Electrical Specifications: Z0 = 50Ω Pin = +10 dBm
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-40º to +85ºC
SSB Conversion Loss
(max)
fin = 1.5 to 8.0 GHz
dB
11
14.0
14.5
Fundamental
Suppression (min)
fin = 1.5 to 8.0 GHz
dBc
35
19.5
19
Third Harmonic
Suppression (min)
fin = 1.5 to 8.0 GHz
dBc
40
20
18
Input VSWR
fin = 1.5 to 8.0 GHz
2.0:1
Product Image


Similar Part No. - FDC2310

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FDC2310 MACOM-FDC2310 Datasheet
211Kb / 3P
Open Carrier Frequency Doubler For Microwave Telecommunications
logo
M/A-COM Technology Solu...
FDC2310 MA-COM-FDC2310 Datasheet
495Kb / 3P
Open Carrier Frequency Doubler For Microwave Telecommunications
More results

Similar Description - FDC2310

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FD26 MACOM-FD26 Datasheet
387Kb / 3P
Frequency Doubler
FD93 MACOM-FD93 Datasheet
301Kb / 3P
Frequency Doubler
FDC2310 MACOM-FDC2310 Datasheet
211Kb / 3P
Open Carrier Frequency Doubler For Microwave Telecommunications
FDC2710 MACOM-FDC2710 Datasheet
230Kb / 3P
Open Carrier Frequency Doubler For Microwave Telecommunications
logo
M/A-COM Technology Solu...
FDC2310 MA-COM-FDC2310 Datasheet
495Kb / 3P
Open Carrier Frequency Doubler For Microwave Telecommunications
FDC2710 MA-COM-FDC2710 Datasheet
514Kb / 3P
Open Carrier Frequency Doubler For Microwave Telecommunications
FDZ5013 MA-COM-FDZ5013 Datasheet
1Mb / 3P
Frequency Doubler
FD25H MA-COM-FD25H Datasheet
1Mb / 3P
Frequency Doubler
FDC2710 MA-COM-FDC2710 Datasheet
514Kb / 3P
Open Carrier Frequency Doubler
FDZ5013C MA-COM-FDZ5013C Datasheet
1Mb / 3P
Frequency Doubler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com