Electronic Components Datasheet Search
  English  ▼

X  

FDC2710 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # FDC2710
Description  Open Carrier Frequency Doubler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

FDC2710 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  FDC2710 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. FDC2710 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. FDC2710 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Open Carrier Frequency Doubler
For Microwave Telecommunications
Rev. V2
FDC2710
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• INPUT: 3.5 TO 8.0 GHz
• OUTPUT: 7.0 TO 16.0 GHz
• INPUT DRIVE LEVEL +10 dBm (NOMINAL)
• MICROSTRIP INTERFACE
Description
The FDC2710 is a passive bridge diode frequency doubler, de-
signed for use in the high volume commercial and test equipment
applications. The design utilizes Schottky bridge quad diodes and
broadband baluns to attain excellent performance.
The use of
high temperature solder and welded assembly processes used
internally makes it ideal for use in semi-automated and automated
assembly.
Environmental screening available to MIL-STD-883,
MIL-STD-202, or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
FDC2710
Open Carrier
Electrical Specifications: Z0 = 50Ω Pin = +10 dBm
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-40º to +85ºC
SSB Conversion Loss
(max)
fin = 3.5 to 4.5 GHz
fin = 4.5 to 7.0 GHz
fin = 7.0 to 8.0 GHz
dB
dB
dB
13.0
10.2
11.2
14.0
12.5
13.5
14.5
13.0
14.0
Fundamental
Suppression (min)
fin = 3.5 to 6.5 GHz
fin = 6.5 to 8.0 GHz
dBc
dBc
40
40
28
30
26
28
Third Harmonic
Suppression (min)
fin = 6.5 to 8.0 GHz
dBc
50
40
38
Product Image


Similar Part No. - FDC2710

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FDC2710 MACOM-FDC2710 Datasheet
230Kb / 3P
Open Carrier Frequency Doubler For Microwave Telecommunications
logo
M/A-COM Technology Solu...
FDC2710 MA-COM-FDC2710 Datasheet
514Kb / 3P
Open Carrier Frequency Doubler For Microwave Telecommunications
More results

Similar Description - FDC2710

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FD26 MACOM-FD26 Datasheet
387Kb / 3P
Frequency Doubler
FD93 MACOM-FD93 Datasheet
301Kb / 3P
Frequency Doubler
FDC2310 MACOM-FDC2310 Datasheet
211Kb / 3P
Open Carrier Frequency Doubler For Microwave Telecommunications
FDC2710 MACOM-FDC2710 Datasheet
230Kb / 3P
Open Carrier Frequency Doubler For Microwave Telecommunications
logo
M/A-COM Technology Solu...
FDC2310 MA-COM-FDC2310 Datasheet
495Kb / 3P
Open Carrier Frequency Doubler For Microwave Telecommunications
FDC2710 MA-COM-FDC2710 Datasheet
514Kb / 3P
Open Carrier Frequency Doubler For Microwave Telecommunications
FDZ5013 MA-COM-FDZ5013 Datasheet
1Mb / 3P
Frequency Doubler
FD25H MA-COM-FD25H Datasheet
1Mb / 3P
Frequency Doubler
FDC2310 MA-COM-FDC2310 Datasheet
495Kb / 3P
Open Carrier Frequency Doubler
FDZ5013C MA-COM-FDZ5013C Datasheet
1Mb / 3P
Frequency Doubler
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com