Electronic Components Datasheet Search
  English  ▼

X  

FDZ5013 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # FDZ5013
Description  Frequency Doubler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

FDZ5013 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  FDZ5013 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. FDZ5013 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. FDZ5013 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Frequency Doubler
Rev. V2
FDZ5013 / FDZ5013C
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Input 3 to 12 GHz
• Output 6 to 24 GHz
• Input Drive Level +13 dBm (nominal)
• Hermetically-Sealed Package
Description
The FDZ5013 is a passive bridge diode frequency doubler, de-
signed for use in military, commercial and test equipment applica-
tions. The design utilizes Schottky bridge quad diodes and broad-
band soft dielectric and/or ferrite baluns to attain excellent per-
formance.
The use of high temperature solder assembly proc-
esses used internally makes it ideal for use in manual and semi-
automated assembly. Environmental screening available to MIL-
STD-883, MIL-STD-202, or MIL-DTL-28837, consult factory.
Ordering Information
Part Number
Package
FDZ5013
Versapac
FDZ5013C
SMA Connectorized
lectrical Specifications: Z0 = 50Ω Pin = +13 dBm
Parameter
Test Conditions
Units
Typical
Guaranteed
+25ºC
-54º to +85ºC
SSB Conversion Loss
(max)
fin = 3 to 12 GHz
dB
12
14.5
15
Fundamental
Suppression (min)
fin = 5 to 8 GHz
fin = 3 to 9 GHz
fin = 3 to 12 GHz
dBc
15.0
13.0
11.0
11.0
9.5
8.0
9.0
7.5
6.0
Third Harmonic
Suppression
fin = 3.0 to 5.0 GHz
fin = 5.0 to 8.5 GHz
dBc
25
22
20
17
18
15
Input VSWR
fin = 5 to 10 GHz
fin = 3 to 12 GHz
1.7:1
2.0:1
Product Image


Similar Part No. - FDZ5013

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FDZ5013 MACOM-FDZ5013 Datasheet
312Kb / 3P
Frequency Doubler
logo
M/A-COM Technology Solu...
FDZ5013 MA-COM-FDZ5013 Datasheet
1Mb / 3P
Frequency Doubler
logo
Tyco Electronics
FDZ5013C MACOM-FDZ5013C Datasheet
312Kb / 3P
Frequency Doubler
logo
M/A-COM Technology Solu...
FDZ5013C MA-COM-FDZ5013C Datasheet
1Mb / 3P
Frequency Doubler
FDZ5013C MA-COM-FDZ5013C Datasheet
1Mb / 3P
Frequency Doubler
More results

Similar Description - FDZ5013

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FD93H MACOM-FD93H Datasheet
321Kb / 3P
FREQUENCY DOUBLER
FD26 MACOM-FD26 Datasheet
387Kb / 3P
Frequency Doubler
FD93 MACOM-FD93 Datasheet
301Kb / 3P
Frequency Doubler
logo
Spectrum Microwave, Inc...
FD9XSMX-1 SPECTRUM-FD9XSMX-1 Datasheet
976Kb / 1P
Frequency Doubler
logo
M/A-COM Technology Solu...
FDZ5013 MA-COM-FDZ5013 Datasheet
1Mb / 3P
Frequency Doubler
FD25H MA-COM-FD25H Datasheet
1Mb / 3P
Frequency Doubler
FDZ5013C MA-COM-FDZ5013C Datasheet
1Mb / 3P
Frequency Doubler
MAFC-004403 MA-COM-MAFC-004403_13 Datasheet
699Kb / 4P
Frequency Doubler
logo
SYNERGY MICROWAVE CORPO...
SMX-C6 SYNERGY-SMX-C6 Datasheet
332Kb / 3P
FREQUENCY DOUBLER
SMX-C9 SYNERGY-SMX-C9 Datasheet
215Kb / 3P
FREQUENCY DOUBLER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com