Electronic Components Datasheet Search
  English  ▼

X  

STD95N4F3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD95N4F3
Description  N-channel 40 V, 5.0, 80 A STripFET III
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD95N4F3 Datasheet(HTML) 1 Page - STMicroelectronics

  STD95N4F3 Datasheet HTML 1Page - STMicroelectronics STD95N4F3 Datasheet HTML 2Page - STMicroelectronics STD95N4F3 Datasheet HTML 3Page - STMicroelectronics STD95N4F3 Datasheet HTML 4Page - STMicroelectronics STD95N4F3 Datasheet HTML 5Page - STMicroelectronics STD95N4F3 Datasheet HTML 6Page - STMicroelectronics STD95N4F3 Datasheet HTML 7Page - STMicroelectronics STD95N4F3 Datasheet HTML 8Page - STMicroelectronics STD95N4F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
December 2011
Doc ID 13288 Rev 4
1/20
20
STB95N4F3, STD95N4F3
STP95N4F3
N-channel 40 V, 5.0 m
Ω, 80 A STripFET™ III
Power MOSFET in D²PAK, DPAK, TO-220
Features
■ Standard threshold drive
■ 100% avalanche tested
Applications
■ Switching applications
– Automotive
Description
These devices are N-channel enhancement mode
Power MOSFETs produced using
STMicroelectronics’ STripFET™ III technology,
which is specifically designed to minimize on-
resistance and gate charge to provide superior
switching performance.
Figure 1.
Internal schematic diagram
Order codes
VDSS
RDS(on)
max.
ID
Pw
STB95N4F3
40 V
< 5.8 m
Ω
80 A
110 W
STD95N4F3
STP95N4F3
< 6.2 m
Ω
DPAK
TO-220
D²PAK
1
3
TAB
1
3
TAB
1
2
3
TAB
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB95N4F3
95N4F3
D²PAK
Tape and reel
STD95N4F3
95N4F3
DPAK
STP95N4F3
95N4F3
TO-220
Tube
www.st.com


Similar Part No. - STD95N4F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD95N4F3 STMICROELECTRONICS-STD95N4F3 Datasheet
336Kb / 14P
N-channel 40V - 5.4mOHM - 80A - DPAK - TO-220 - IPAK STripFET TM Power MOSFET
22-Feb-2007
STD95N4F3 STMICROELECTRONICS-STD95N4F3 Datasheet
465Kb / 14P
N-channel 40V - 5.4mΩ - 80A - DPAK - TO-220 - IPAK STripFET??Power MOSFET
15-May-2007
STD95N4F3 STMICROELECTRONICS-STD95N4F3 Datasheet
766Kb / 14P
N-channel 40 V, 5.0 mΩ, 80 A, DPAK, TO-220 STripFET™III Power MOSFET
10-Sep-2009
logo
Inchange Semiconductor ...
STD95N4F3 ISC-STD95N4F3 Datasheet
299Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STD95N4F3 STMICROELECTRONICS-STD95N4F3_07 Datasheet
465Kb / 14P
N-channel 40V - 5.4mΩ - 80A - DPAK - TO-220 - IPAK STripFET??Power MOSFET
15-May-2007
More results

Similar Description - STD95N4F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB150NF04 STMICROELECTRONICS-STB150NF04 Datasheet
395Kb / 11P
N-channel 40 V - 0.005 廓 - 80 A - D2PAK STripFET?줚I Power MOSFET
01-Jul-2008
STB270N4F3 STMICROELECTRONICS-STB270N4F3_09 Datasheet
804Kb / 14P
N-channel 40 V, 1.6 mΩ, 160 A, D2PAK, I2PAK STripFET™III Power MOSFET
14-Jul-2009
STD95N4F3 STMICROELECTRONICS-STD95N4F3_09 Datasheet
766Kb / 14P
N-channel 40 V, 5.0 mΩ, 80 A, DPAK, TO-220 STripFET™III Power MOSFET
10-Sep-2009
STD90N4F3 STMICROELECTRONICS-STD90N4F3_09 Datasheet
808Kb / 16P
N-channel 40 V, 5.0 mΩ, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??III Power MOSFET
23-Jul-2009
STD55N4F5 STMICROELECTRONICS-STD55N4F5 Datasheet
781Kb / 13P
N-channel 40 V, 7.3 mΩ, 40 A, DPAK STripFET™V Power MOSFET
22-Jun-2010
STH270N4F3-2 STMICROELECTRONICS-STH270N4F3-2 Datasheet
1,023Kb / 19P
N-channel 40 V, 1.4 mΩ typ., 180 A STripFET III Power MOSFET
14-Mar-2013
STL35N15F3 STMICROELECTRONICS-STL35N15F3 Datasheet
848Kb / 17P
N-channel 150 V, 0.0355, 7 A STripFET III Power MOSFET
10-May-2012
STB170NF04 STMICROELECTRONICS-STB170NF04 Datasheet
594Kb / 15P
N-channel 40 V, 4.4 m typ., 80 A STripFET II Power MOSFET in a D2PAK package
31-Oct-2012
STB76NF80 STMICROELECTRONICS-STB76NF80 Datasheet
673Kb / 13P
N-channel 80 V, 0.0095 廓, 80 A D2PAK STripFET??II Power MOSFET
24-Mar-2010
STD65N55LF3 STMICROELECTRONICS-STD65N55LF3 Datasheet
804Kb / 13P
N-channel 55 V, 7.0, 80 A DPAK STripFET III Power MOSFET
12-Oct-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com