Electronic Components Datasheet Search
  English  ▼

X  

GP801DCM18 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # GP801DCM18
Description  Hi-Reliability Chopper Switch Low VCESAT IGBT Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP801DCM18 Datasheet(HTML) 1 Page - Dynex Semiconductor

  GP801DCM18 Datasheet HTML 1Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 2Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 3Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 4Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 5Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 6Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 7Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 8Page - Dynex Semiconductor GP801DCM18 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
GP801DCM18
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
1/10
www.dynexsemi.com
FEATURES
s
Low V
CE(SAT)
s
800A Per Module
s
High Thermal Cycling Capability
s
Non Punch Through Silicon
s
Isolated MMC Base with AlN Substrates
APPLICATIONS
s
High Reliability
s
Motor Controllers
s
Traction Drives
s
Low Loss System Retrofit
The Powerline range of high power modules includes dual
and single switch configurations covering voltages from 1200V to
3300V and currents up to 4800A.
The GP801DCM18 is an 1800V, n channel enhancement
mode, insulated gate bipolar transistor (IGBT) chopper module.
Designed with low V
CE(SAT)
to minimise conduction losses, the
module is of particular relevance in low to medium frequency
applications. The IGBT has a wide reverse bias safe operating
area (RBSOA) ensuring reliability in demanding applications.
This device is optimised for traction drives and other applications
requiring high thermal cycling capability.
The module incorporates an electrically isolated base plate
and low inductance construction enabling circuit designers to
optimise circuit layouts and utilise earthed heat sinks for safety.
ORDERING INFORMATION
Order As:
GP801DCM18
Note: When ordering, please use the complete part number.
KEY PARAMETERS
V
CES
1800V
V
CE(sat)
(typ)
2.6V
I
C
(max)
800A
I
C(PK)
(max)
1600A
GP801DCM18
Hi-Reliability Chopper Switch Low V
CE(SAT) IGBT Module
DS5365-3.0 January 2001
Fig. 1 Dual switch circuit diagram
Fig. 2 Electrical connections - (not to scale)
Outline type code: D
(See Package Details for further information)
3(C
1)
4(E
2)
2(C
2)
7(C1)
5(E1)
6(G1)
1(E
1)
GPxxxDCxxx-xxx


Similar Part No. - GP801DCM18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP801DCS18 DYNEX-GP801DCS18 Datasheet
169Kb / 10P
Chopper Switch Low VCESAT IGBT Module
More results

Similar Description - GP801DCM18

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
GP1200FSM18 DYNEX-GP1200FSM18 Datasheet
125Kb / 9P
Hi-Reliability Single Switch IGBT Module
GP1600FSM18 DYNEX-GP1600FSM18 Datasheet
127Kb / 9P
Hi-Reliability Single Switch IGBT Module
GP2400ESM18 DYNEX-GP2400ESM18 Datasheet
156Kb / 10P
Hi-Reliability Single Switch IGBT Module
GP2401ESM18 DYNEX-GP2401ESM18 Datasheet
152Kb / 9P
Hi-Reliability Single Switch Low VCE(SAT) IGBT Module
GP800DCM18 DYNEX-GP800DCM18 Datasheet
158Kb / 10P
Hi-Reliability Chopper Switch IGBT Module
GP800DDM12 DYNEX-GP800DDM12 Datasheet
114Kb / 11P
Hi-Reliability Dual Switch IGBT Module Advance Information
GP800FSM18 DYNEX-GP800FSM18 Datasheet
143Kb / 10P
Hi-Reliability Single Switch IGBT Module
GP801DCS18 DYNEX-GP801DCS18 Datasheet
169Kb / 10P
Chopper Switch Low VCESAT IGBT Module
GP801DDM18 DYNEX-GP801DDM18 Datasheet
142Kb / 10P
Hi-Reliability Dual Switch Low VCESAT IGBT Module
GP801FSM18 DYNEX-GP801FSM18 Datasheet
141Kb / 10P
Hi-Reliability Single Switch Low VCE(SAT) IGBT Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com