Electronic Components Datasheet Search
  English  ▼

X  

INT024BTFT Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # INT024BTFT
Description  LCD Module Product Specification
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INT024BTFT Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  INT024BTFT Datasheet HTML 1Page - List of Unclassifed Manufacturers INT024BTFT Datasheet HTML 2Page - List of Unclassifed Manufacturers INT024BTFT Datasheet HTML 3Page - List of Unclassifed Manufacturers INT024BTFT Datasheet HTML 4Page - List of Unclassifed Manufacturers INT024BTFT Datasheet HTML 5Page - List of Unclassifed Manufacturers INT024BTFT Datasheet HTML 6Page - List of Unclassifed Manufacturers INT024BTFT Datasheet HTML 7Page - List of Unclassifed Manufacturers INT024BTFT Datasheet HTML 8Page - List of Unclassifed Manufacturers INT024BTFT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Displaytech Ltd
LCD MODULE
INT024BTFT / INT024BTFT-TS
Version: 2.0
4
4. General Specifications
Item
Specification
Unit
LCD mode
Transmissive
---
Resolution
240(RGB)
Line
320
Line
Diagonal Size
2.4
Inch
Overall Size
60.00
mm
61.50
mm
Active area
36.72
mm
48.96
mm
Optimum Viewing Direction
6 o’clock
---
Controller IC
RA8872
---
Interface type
8080/6800 with 8 Data Bus
Width (1)
---
Colours
65K
---
Operation temperature range
-20~70
°C
Storage temperature range
-30~80
°C
Remarks:
(1) MCU Interface is selected by soldering option as below.
•
Jumper JP11 : 8080 interface is selected. (Default setting)
•
Jumper JP10 : 6800 interface is selected.
(2) Color tune may be changed slightly by temperature and driving voltage.
(3) RoHS compliant.
Component Life Cycle
1) Storage Life: min. 1 Year
2) Operation Life (*1): min. 43 x 10³ h (24hr/day x 7days/week x 52weeks/year x 5years)
(Not include backlight)
3) Storage and Operation Life Times are defined for a temperature of +25°C
Notes:
*1. Operation life ends when one of the listed faults occurs:
 The on/off response-times reach 1.5 times of the max. value specified for a new
display
 The contrast is reduced to 0.5 of the original contrast value
 Loss of function
 The number of cosmetic defects exceeds the maximum defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com