Electronic Components Datasheet Search
  English  ▼

X  

EPF8282AV Datasheet(PDF) 1 Page - Altera Corporation

Part # EPF8282AV
Description  Programmable Logic Device Family
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPF8282AV Datasheet(HTML) 1 Page - Altera Corporation

  EPF8282AV Datasheet HTML 1Page - Altera Corporation EPF8282AV Datasheet HTML 2Page - Altera Corporation EPF8282AV Datasheet HTML 3Page - Altera Corporation EPF8282AV Datasheet HTML 4Page - Altera Corporation EPF8282AV Datasheet HTML 5Page - Altera Corporation EPF8282AV Datasheet HTML 6Page - Altera Corporation EPF8282AV Datasheet HTML 7Page - Altera Corporation EPF8282AV Datasheet HTML 8Page - Altera Corporation EPF8282AV Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 62 page
background image
®
Altera Corporation
1
FLEX 8000
Programmable Logic
Device Family
January 2003, ver. 11.1
Data Sheet
DS-F8000-11.1
3
1
Features...
■
Low-cost, high-density, register-rich CMOS programmable logic
device (PLD) family (see Table 1)
–
2,500 to 16,000 usable gates
–
282 to 1,500 registers
■
System-level features
–
In-circuit reconfigurability (ICR) via external configuration
devices or intelligent controller
–
Fully compliant with the peripheral component interconnect
Special Interest Group (PCI SIG) PCI Local Bus Specification,
Revision 2.2
for 5.0-V operation
–
Built-in Joint Test Action Group (JTAG) boundary-scan test (BST)
circuitry compliant with IEEE Std. 1149.1-1990 on selected devices
–MultiVoltTM I/O interface enabling device core to run at 5.0 V,
while I/O pins are compatible with 5.0-V and 3.3-V logic levels
–
Low power consumption (typical specification is 0.5 mA or less in
standby mode)
■
Flexible interconnect
–FastTrack® Interconnect continuous routing structure for fast,
predictable interconnect delays
–
Dedicated carry chain that implements arithmetic functions such
as fast adders, counters, and comparators (automatically used by
software tools and megafunctions)
–
Dedicated cascade chain that implements high-speed, high-fan-in
logic functions (automatically used by software tools and
megafunctions)
–
Tri-state emulation that implements internal tri-state nets
■
Powerful I/O pins
■
Programmable output slew-rate control reduces switching noise
Table 1. FLEX 8000 Device Features
Feature
EPF8282A
EPF8282AV
EPF8452A
EPF8636A
EPF8820A
EPF81188A EPF81500A
Usable gates
2,500
4,000
6,000
8,000
12,000
16,000
Flipflops
282
452
636
820
1,188
1,500
Logic array blocks (LABs)
26
42
63
84
126
162
Logic elements (LEs)
208
336
504
672
1,008
1,296
Maximum user I/O pins
78
120
136
152
184
208


Similar Part No. - EPF8282AV

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPF8282AV ALTERA-EPF8282AV Datasheet
979Kb / 61P
PROGRAMMABLE LOGIC DEVICES FAMILY
EPF8282AV ALTERA-EPF8282AV Datasheet
957Kb / 62P
Programmable Logic Device Family
EPF8282AV ALTERA-EPF8282AV Datasheet
962Kb / 62P
Programmable Logic Device Family
EPF8282AV ALTERA-EPF8282AV Datasheet
957Kb / 62P
Programmable Logic Device Family
EPF8282AV ALTERA-EPF8282AV Datasheet
957Kb / 62P
Programmable Logic Device Family
More results

Similar Description - EPF8282AV

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
Programmable Logic Device Family
EPF6016ATI144-3N ALTERA-EPF6016ATI144-3N Datasheet
405Kb / 52P
Programmable Logic Device Family
EPM7064SLC44-10 ALTERA-EPM7064SLC44-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128SLC84-10 ALTERA-EPM7128SLC84-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128STC100-10 ALTERA-EPM7128STC100-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com