Electronic Components Datasheet Search
  English  ▼

X  

AP836 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AP836
Description  35 Watts TO-220 High Power Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AP836 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AP836 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP836 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
The information contained herein does not form part of a
contract and is subject to change without notice. ARCOL
operate a policy of continual product development, therefore,
specifications may change.
It is the responsibility of the customer to ensure that the
component selected from our range is suitable for the intended
application. If in doubt please ask ARCOL.
ARCOL UK Limited,
Threemilestone Ind. Estate,
Truro, Cornwall, TR4 9LG, UK.
T +44 (0) 1872 277431
F +44 (0) 1872 222002
E sales@arcolresistors.com
www.arcolresistors.com
2/13.18
AP836 35 Watts TO-220 High
Power Resistors
A high power TO-220 style resistor package designed for high frequency emitter
circuits in switching power supplies. Also used in voltage regulation and low energy
pulse loading.
• 35 Watts at 25˚C case temperature on heat sink
• Single screw mounting to heat sink
• Moulded case for proctection and easy to mount
• Non-inductive design
• Electrically isolated case
• RoHS Compliant
Electrical Specifications
Resistance
Value Range
Available Tolerance & Pref.
Value Ranges
Available TCR
R05 - 1R
J (±5%) K (±10%)
Not specified
1R02 - 3R
F (±1%) , J (±5%) ,
K (±10%)
±300ppm/˚C
3R01 - 10R
±100ppm/˚C
±200ppm/˚C
10R2 - 10K
D (±0.5%) F (±1%) J
(±5%) K (±10%)
±50ppm/˚C
±100ppm/˚C
±200ppm/˚C
Preferred value ranges:
F (±1%) - E96 , J (±5%) - E24, K (±10%) - E12
Characteristics
Power rating:
Operating voltage:
Dielectric strength:
Insulation resistance:
Working temperature:
Temperature coefficient:
Short time overload:
Load life:
Damp heat with load:
Solderability:
Thermal shock:
Terminal strength:
Vibration and high frequency:
2.50 Watts in free air
350V max
1800Vac
10GΩ min
-65ºC to 150ºC
As specified, referenced to 25˚C, ∆R taken at +105˚C
∆R ±0.3%, 2 times rated power with applied voltage not to exceed 1.5 times maximum continuous
operating voltage for 5 seconds
∆R ±1.0%, 2000 hours at rated power
∆R ±0.5%, 40 ±2˚C, 90 - 95% R.H max working voltage for 1000 hours with 1.5 hours “ON” and
0.5 hours “OFF”
90% min coverage, 245 ±5˚C for 3 seconds
∆R ±0.3%, -65˚C - 150˚C, 100 cycles
∆R ±0.2%, 2.4 N
∆R ±0.2%, 20g peak
Derating Curve
100
80
60
40
20
0
0
25
50
75
100
125
150
175
Case Temperature (°C)


Similar Part No. - AP836

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
AP836 OHMITE-AP836 Datasheet
798Kb / 2P
35 Watts TO-220 High Power Resistors
AP836100RJ OHMITE-AP836100RJ Datasheet
798Kb / 2P
35 Watts TO-220 High Power Resistors
AP83610KJ OHMITE-AP83610KJ Datasheet
798Kb / 2P
35 Watts TO-220 High Power Resistors
AP83610RJ OHMITE-AP83610RJ Datasheet
798Kb / 2P
35 Watts TO-220 High Power Resistors
AP836150RJ OHMITE-AP836150RJ Datasheet
798Kb / 2P
35 Watts TO-220 High Power Resistors
More results

Similar Description - AP836

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHP20 ETC1-MHP20 Datasheet
846Kb / 2P
20W TO-220 HIGH POWER RESISTORS
logo
Bi technologies
MHP35 BITECH-MHP35 Datasheet
845Kb / 2P
35W TO-220 HIGH POWER RESISTORS
MHP50 BITECH-MHP50 Datasheet
1Mb / 2P
50W TO-220 HIGH POWER RESISTORS
logo
Token Electronics Indus...
RMG20DTD0R1 TOKEN-RMG20DTD0R1 Datasheet
380Kb / 3P
RMG20 TO-220 Power Resistors
logo
Riedon Powertron
PF2200 RIEDON-PF2200 Datasheet
238Kb / 2P
TO-220 Power Film Resistors
PF2200 RIEDON-PF2200_11 Datasheet
246Kb / 2P
TO-220 Power Film Resistors
logo
List of Unclassifed Man...
AP821 ETC2-AP821 Datasheet
195Kb / 2P
20 Watts TO-220 High Power Resistors
logo
Riedon Powertron
PF2203-5R6F1 RIEDON-PF2203-5R6F1 Datasheet
189Kb / 3P
TO-220 Power Thin Film Resistors
PF2203-75RF1 RIEDON-PF2203-75RF1 Datasheet
189Kb / 3P
TO-220 Power Thin Film Resistors
logo
Ohmite Mfg. Co.
AP836 OHMITE-AP836 Datasheet
798Kb / 2P
35 Watts TO-220 High Power Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com