Electronic Components Datasheet Search
  English  ▼

X  

MP02X130 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # MP02X130
Description  Phase Control Dual SCR, SCR/Diode Modules
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP02X130 Datasheet(HTML) 1 Page - Dynex Semiconductor

  MP02X130 Datasheet HTML 1Page - Dynex Semiconductor MP02X130 Datasheet HTML 2Page - Dynex Semiconductor MP02X130 Datasheet HTML 3Page - Dynex Semiconductor MP02X130 Datasheet HTML 4Page - Dynex Semiconductor MP02X130 Datasheet HTML 5Page - Dynex Semiconductor MP02X130 Datasheet HTML 6Page - Dynex Semiconductor MP02X130 Datasheet HTML 7Page - Dynex Semiconductor MP02X130 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
www.dynexsemi.com
MP02X130 Series
FEATURES
s Dual Device Module
s Electrically Isolated Package
s Pressure Contact Construction
s International Standard Footprint
s Alumina (non-toxic) Isolation Medium
APPLICATIONS
s Motor Control
s Controlled Rectifier Bridges
s Heater Control
s AC Phase Control
VOLTAGE RATINGS
ORDERING INFORMATION
Order As:
MP02HBT130-20 or MP02HBT130-18 or MP02HBT130-16
MP02HBP130-20 or MP02HBP130-18 or MP02HBP130-16
MP02HBN130-20 or MP02HBN130-18 or MP02HBN130-16
Note: When ordering, please use the complete part number.
KEY PARAMETERS
V
DRM
2000V
I
TSM
4000A
I
T(AV)(per arm)
134A
V
isol
3000V
MP02X130 Series
Phase Control Dual SCR, SCR/Diode Modules
Replaces January 2000 version, DS4477-4.0
DS4477-5.0 August 2001
Code
Circuit
HBT
HBP
HBN
Fig.1 Circuit diagrams
12
3
Fig. 2 Electrical connections - (not to scale)
Module type code: MP02.
For further information see Package Details.
Lower voltage grades available.
Repetitive
Peak
Voltages
V
DRM VRRM
Type
Number
2000
1800
1600
MP02X130-20
MP02X130-18
MP02X130-16
T
vj = 125
oC
I
DRM = IRRM = 30mA
V
DSM
& V
RSM
=
V
DRM
& V
RRM
+ 100V
respectively
Conditions


Similar Part No. - MP02X130

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP02X175 DYNEX-MP02X175 Datasheet
114Kb / 8P
Phase Control Dual SCR, SCR/Diode Modules
MP02X175-10 DYNEX-MP02X175-10 Datasheet
114Kb / 8P
Phase Control Dual SCR, SCR/Diode Modules
MP02X175-12 DYNEX-MP02X175-12 Datasheet
114Kb / 8P
Phase Control Dual SCR, SCR/Diode Modules
MP02X175-14 DYNEX-MP02X175-14 Datasheet
114Kb / 8P
Phase Control Dual SCR, SCR/Diode Modules
MP02X175-16 DYNEX-MP02X175-16 Datasheet
114Kb / 8P
Phase Control Dual SCR, SCR/Diode Modules
More results

Similar Description - MP02X130

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP02X175 DYNEX-MP02X175 Datasheet
114Kb / 8P
Phase Control Dual SCR, SCR/Diode Modules
MP02XXX190 DYNEX-MP02XXX190 Datasheet
100Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03XXX130 DYNEX-MP03XXX130 Datasheet
111Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03XXX175 DYNEX-MP03XXX175 Datasheet
113Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03XXX190 DYNEX-MP03XXX190 Datasheet
107Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03XXX275 DYNEX-MP03XXX275 Datasheet
112Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03XXX300 DYNEX-MP03XXX300 Datasheet
116Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
MP03XXX330 DYNEX-MP03XXX330 Datasheet
122Kb / 10P
Phase Control Dual SCR, SCR/Diode Modules
logo
International Rectifier
70TPS12 IRF-70TPS12 Datasheet
135Kb / 7P
PHASE CONTROL SCR
8TWS IRF-8TWS Datasheet
91Kb / 6P
PHASE CONTROL SCR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com