Electronic Components Datasheet Search
  English  ▼

X  

GD9-DC15 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # GD9-DC15
Description  Client Side Antennas
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GD9-DC15 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button GD9-DC15 Datasheet HTML 4Page - List of Unclassifed Manufacturers GD9-DC15 Datasheet HTML 5Page - List of Unclassifed Manufacturers GD9-DC15 Datasheet HTML 6Page - List of Unclassifed Manufacturers GD9-DC15 Datasheet HTML 7Page - List of Unclassifed Manufacturers GD9-DC15 Datasheet HTML 8Page - List of Unclassifed Manufacturers GD9-DC15 Datasheet HTML 9Page - List of Unclassifed Manufacturers GD9-DC15 Datasheet HTML 10Page - List of Unclassifed Manufacturers GD9-DC15 Datasheet HTML 11Page - List of Unclassifed Manufacturers GD9-DC15 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Lightning Arrestors
Lightning Arrestors
Lightning Arrestors
Lightning Arrestors
Part No. SP3 / SP6
Universal Wall
Universal Wall
Universal Wall
Universal Wall
Mount Bracket
Mount Bracket
Mount Bracket
Mount Bracket
Part No. WMB8
RJ45 Ethernet Connector System
RJ45 Ethernet Connector System
RJ45 Ethernet Connector System
RJ45 Ethernet Connector System
Part No. RJ45-ECS
Part #
Part #
Part #
Part #
Description
Description
Description
Description
Dimensions
Dimensions
Dimensions
Dimensions
Weight (lbs)
Weight (lbs)
Weight (lbs)
Weight (lbs)
RJ45
RJ45
RJ45
RJ45----FT
FT
FT
FT
RJ45 Feed-Thru Cable Gland
3.75 x 1.18
2oz.
RJ45
RJ45
RJ45
RJ45----ECS
ECS
ECS
ECS
RJ45 Ethernet Connector System w/12” RJ45 pigtail
15.75 x 1.18
5oz.
DCE
DCE
DCE
DCE----7x6x2
7x6x2
7x6x2
7x6x2
Die Cast Aluminum Nema 6 Rated
Weatherproof Enclosure with 7”x6”x2” usable space
10 x 7.1 x 2.75
2.5
DCE
DCE
DCE
DCE----H
H
H
H----7x6x2
7x6x2
7x6x2
7x6x2
Die Cast Aluminum Nema 6 Rated Weatherproof Enclo-
sure w/Hinged Cover—7”x6”x3” usable space
10 x 7.1 x 3.75
3
SP3
SP3
SP3
SP3----90
90
90
90----6
66
6----BFF
BFF
BFF
BFF
Bulkhead Surge Protector, Bulkhead N Fem to N Female,
6KA Discharge, .4dB IL, 3GHz
2.75 x 1.25 x
1.75
4.5oz
SP3
SP3
SP3
SP3----90
90
90
90----6
66
6----BFM
BFM
BFM
BFM
Bulkhead Surge Protector, Bulkhead N Fem to N Male,
6KA Discharge, .4dB IL, 3GHz
2.75 x 1.25 x
1.75
4.5oz
SP6
SP6
SP6
SP6----230
230
230
230----BFF
BFF
BFF
BFF
DC-6GHz Bulkhead Surge Protector,
Bulkhead N Fem to N Fem
2.4 x 1.2 x 0.9
4.5oz
SP6
SP6
SP6
SP6----230
230
230
230----BFM
BFM
BFM
BFM
DC-6GHz Bulkhead Surge Protector,
Bulkhead N Fem to N Male
2.4x1.2x0.9
4.5oz
WMB8
WMB8
WMB8
WMB8
Wall Mount Bracket, Welded Plated Steel, 8" standoff,
1.25" diameter mount
8x6
3
UM / UML
UM / UML
UM / UML
UM / UML
Universal Mount, 1.5" Pipe, regular and long lengths
7.5x10x15 (UM)
7.5x14x23 (UML)
5 (UM)
7(UML)
Cable Assemblies
Cable Assemblies
Cable Assemblies
Cable Assemblies
Various cable assemblies are available or can be custom
made. Contact us for more information.
Vary
Vary
Die Cast Aluminum Enclosure
Die Cast Aluminum Enclosure
Die Cast Aluminum Enclosure
Die Cast Aluminum Enclosure
Part No. DCE-7x6x2
Universal Mounts
Universal Mounts
Universal Mounts
Universal Mounts
Part No. UM / UML
Cable Assemblies
Cable Assemblies
Cable Assemblies
Cable Assemblies
Contact us for more info!
Accessories
Power Over Ethernet Injectors
Power Over Ethernet Injectors
Power Over Ethernet Injectors
Power Over Ethernet Injectors
& Splitters
& Splitters
& Splitters
& Splitters
Part No. POE-Xxi . POE-XXs-afi
Adapter Connectors
Adapter Connectors
Adapter Connectors
Adapter Connectors
11
11
11
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com