Electronic Components Datasheet Search
  English  ▼

X  

MP04HB910 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # MP04HB910
Description  Dual Rectifier Diode Module Preliminary Information
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP04HB910 Datasheet(HTML) 1 Page - Dynex Semiconductor

  MP04HB910 Datasheet HTML 1Page - Dynex Semiconductor MP04HB910 Datasheet HTML 2Page - Dynex Semiconductor MP04HB910 Datasheet HTML 3Page - Dynex Semiconductor MP04HB910 Datasheet HTML 4Page - Dynex Semiconductor MP04HB910 Datasheet HTML 5Page - Dynex Semiconductor MP04HB910 Datasheet HTML 6Page - Dynex Semiconductor MP04HB910 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
www.dynexsemi.com
MP04HB910
FEATURES
s Dual Device Module
s Electrically Isolated Package
s Pressure Contact Construction
s International Standard Footprint
s Alumina (Non-toxic) Isolation Medium
APPLICATIONS
s Power Supplies
s Large IGBT Circuit 'Front Ends'
s Rectifiers
s Battery Chargers
VOLTAGE RATINGS
KEY PARAMETERS
V
RRM
3000V
I
F(AV)
915A
I
FSM (per arm)
20000A
I
F(RMS)
1440A
V
isol
3000V
3000
2800
2600
2400
MP04HB910-30
MP04HB910-28
MP04HB910-26
MP04HB910-24
Conditions
T
vj = –40˚ to 150˚C,
V
RSM = VRRM + 100V
Lower voltage grades available
Type Number
Repetitive Peak
Voltages
V
DRM VRRM
V
Fig.1 HB circuit configuration
ORDERING INFORMATION
Order As:
MP04HB910-XX
XX shown in the part number about represents V
RRM/100
selection required.
Note: When ordering, please use the complete part number.
Please quote full part number in all correspondance.
1
2
3
MP04HB910
Dual Rectifier Diode Module
Preliminary Information
DS5425-1.2 February 2001
Fig. 2 Electrical connections - (not to scale)
Outline type code: MP04
(See package details for further information)


Similar Part No. - MP04HB910

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
MP04HBT490-28 DYNEX-MP04HBT490-28 Datasheet
205Kb / 9P
Dual Thyristor, Thyristor/Diode Module
MP04HBT590-18 DYNEX-MP04HBT590-18 Datasheet
231Kb / 10P
Dual Thyristor, Thyristor/Diode Module
More results

Similar Description - MP04HB910

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DFM1200EXM12-A000 DYNEX-DFM1200EXM12-A000 Datasheet
119Kb / 7P
Fast Recovery Diode Module Preliminary Information
DFM1200FXM12-A000 DYNEX-DFM1200FXM12-A000 Datasheet
99Kb / 7P
Fast Recovery Diode Module Preliminary Information
DFM1200FXM18-A000 DYNEX-DFM1200FXM18-A000 Datasheet
100Kb / 7P
Fast Recovery Diode Module Preliminary Information
DFM600FXM12-A000 DYNEX-DFM600FXM12-A000 Datasheet
99Kb / 7P
Fast Recovery Diode Module Preliminary Information
DFM600FXM18-A000 DYNEX-DFM600FXM18-A000 Datasheet
100Kb / 7P
Fast Recovery Diode Module Preliminary Information
DFM600LXS18-A000 DYNEX-DFM600LXS18-A000 Datasheet
93Kb / 7P
Fast Recovery Diode Module Preliminary Information
DFM900FXM12-A000 DYNEX-DFM900FXM12-A000 Datasheet
99Kb / 7P
Fast Recovery Diode Module Preliminary Information
DFM900FXM18-A000 DYNEX-DFM900FXM18-A000 Datasheet
100Kb / 7P
Fast Recovery Diode Module Preliminary Information
GP400DDS18 DYNEX-GP400DDS18 Datasheet
155Kb / 11P
Dual Switch IGBT Module Preliminary Information
MP04DD810 DYNEX-MP04DD810 Datasheet
205Kb / 9P
Dual Rectifier Diode Water Cooled Module Preliminary Information
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com