Electronic Components Datasheet Search
  English  ▼

X  

46DR16640A Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # 46DR16640A
Description  Clock frequency up to 400MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

46DR16640A Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button 46DR16640A Datasheet HTML 7Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 8Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 9Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 10Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 11Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 12Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 13Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 14Page - Integrated Silicon Solution, Inc 46DR16640A Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
IS43/46DR81280A, IS43/46DR16640A  
Integrated Silicon Solution, Inc. – www.issi.com –
11
Rev. D, 08/30/2011
Commands 
DESELECT 
The  DESELECT  function  (CS#  HIGH)  prevents  new  commands  from  being  executed  by  the  DDR2  SDRAM.  The  DDR2  SDRAM  is 
effectively deselected. Operations already in progress are not affected. DESELECT is also referred to as COMMAND INHIBIT. 
NO OPERATION (NOP) 
The NO OPERATION (NOP) command is used to instruct the selected DDR2 SDRAM to perform a NOP (CS# is LOW; RAS#, CAS#, and 
WE# are HIGH). This prevents unwanted commands from being registered during idle or wait states. Operations already in progress 
are not affected. 
LOAD MODE (LM) 
The mode registers are loaded via bank address and address inputs. The bank address balls determine which mode register will be 
programmed. See “Mode Register (MR)” in the next section. The LM command can only be issued when all banks are idle, and a 
subsequent executable command cannot be issued until tMRD is met. 
ACTIVATE 
The  ACTIVATE  command  is  used  to  open  (or  activate)  a  row  in  a  particular  bank  for  a  subsequent  access.  The  value  on  the  bank 
address inputs determines the bank, and the address inputs select the row. This row will remains active (or open) for accesses until a 
PRECHARGE command is issued to that bank. A PRECHARGE command must be issued before opening a different row in the same 
bank. 
READ 
The READ command is used to initiate a burst read access to an active row. The value on the bank address inputs determine the 
bank, and the address provided on address inputs A0–A9 selects the starting column location. The value on input A10 determines 
whether or not auto precharge is used. If auto precharge is selected, the row being accessed will be precharged at the end of the 
READ burst; if auto precharge is not selected, the row will remain open for subsequent accesses. DDR2 SDRAM also supports the AL 
feature,  which  allows  a  READ  or  WRITE  command  to  be  issued  prior  to  tRCD(Min)  by  delaying  the  actual  registration  of  the 
READ/WRITE command to the internal device by AL clock cycles. 
WRITE 
The WRITE command is used to initiate a burst write access to an active row. The value on the bank select inputs selects the bank, 
and the address provided on inputs A0–A9 selects the starting column location. The value on input A10 determines whether or not 
auto precharge is used. If auto precharge is selected, the row being accessed will be precharged at the end of the WRITE burst; if 
auto precharge is not selected, the row will remain open for subsequent accesses. 
DDR2 SDRAM also supports the AL feature, which allows a READ or WRITE command to be issued prior to tRCD(MIN) by delaying the 
actual registration of the READ/WRITE command to the internal device by AL clock cycles. Input data appearing on the DQ is written 
to the memory array subject to the DM input logic level appearing coincident with the data. If a given DM signal is registered LOW, 
the corresponding data will be written to memory; if the DM signal is registered HIGH, the corresponding data inputs will be ignored, 
and a WRITE will not be executed to that byte/column location. 
PRECHARGE 
The PRECHARGE command is used to deactivate the open row in a particular bank or the open row in all banks. The bank(s) will be 
available  for  a  subsequent  row  activation  a  specified  time  (tRP)  after  the  PRECHARGE  command  is  issued,  except  in  the  case  of 
concurrent auto precharge, where a READ or WRITE command to a different bank is allowed as long as it does not interrupt the data 
transfer in the current bank and does not violate any other timing parameters. After a bank has been precharged, it is in the idle 
state and must be activated prior to any READ or WRITE commands being issued to that bank. A PRECHARGE command is allowed if 
there is no open row in that bank (idle state) or if the previously open row is already in the process of precharging. However, the 
precharge period will be determined by the last PRECHARGE command issued to the bank. 
REFRESH 
REFRESH is used during normal operation of the DDR2 SDRAM and is analogous to CAS#‐before‐RAS# (CBR) REFRESH. All banks must 
be in the idle mode prior to issuing a REFRESH command. This command is nonpersistent, so it must be issued each time a refresh is 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com