Electronic Components Datasheet Search
  English  ▼

X  

MP04TT600 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # MP04TT600
Description  Dual Thyristor Water Cooled Module Preliminary Information
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MP04TT600 Datasheet(HTML) 4 Page - Dynex Semiconductor

  MP04TT600 Datasheet HTML 1Page - Dynex Semiconductor MP04TT600 Datasheet HTML 2Page - Dynex Semiconductor MP04TT600 Datasheet HTML 3Page - Dynex Semiconductor MP04TT600 Datasheet HTML 4Page - Dynex Semiconductor MP04TT600 Datasheet HTML 5Page - Dynex Semiconductor MP04TT600 Datasheet HTML 6Page - Dynex Semiconductor MP04TT600 Datasheet HTML 7Page - Dynex Semiconductor MP04TT600 Datasheet HTML 8Page - Dynex Semiconductor MP04TT600 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP04TT600
4/10
www.dynexsemi.com
Fig. 6 Transient thermal impedance - dc
Fig. 3 Maximum (limit) on-state characteristics
Fig. 4 Surge (non-repetitive) on-state current vs time
(with 50% V
RSM
at T
case
= 125˚C)
Fig. 5 Gate characteristics
0.5
1.0
1.5
2.0
2.5
Instantaneous on-state voltage VT - (V)
0
500
1000
1500
2000
2500
Measured under pulse
conditions
12
1: Tj = 125˚C Min
2: Tj = 125˚C Max
20
15
10
5
0
110
1
2
3 4 5
50
ms
Cycles at 50Hz
Duration
400
500
I2t
I2t = Î2 x t
2
600
700
25
10
20 30
10
1
0.1
0.01
0.001
Gate trigger current, IGT - (A)
100
10
1
0.1
VGD
IFGM
Table gives pulse power PGM in Watts
Pulse width
µs
100
200
500
1ms
10ms
Frequency Hz
50
150
150
150
150
20
100
150
150
150
100
-
400
150
125
100
25
-
Upper
limit
99%
Region of certain
triggering
Lower
limit
99%
0
0.02
0.04
0.06
0.08
0.1
0.12
0.001
0.01
0.1
1
10
100
1000
Time (Seconds)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com