Electronic Components Datasheet Search
  English  ▼

X  

M24256-DR Datasheet(PDF) 25 Page - STMicroelectronics

Part # M24256-DR
Description  256-Kbit serial I짼C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-DR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M24256-DR Datasheet HTML 21Page - STMicroelectronics M24256-DR Datasheet HTML 22Page - STMicroelectronics M24256-DR Datasheet HTML 23Page - STMicroelectronics M24256-DR Datasheet HTML 24Page - STMicroelectronics M24256-DR Datasheet HTML 25Page - STMicroelectronics M24256-DR Datasheet HTML 26Page - STMicroelectronics M24256-DR Datasheet HTML 27Page - STMicroelectronics M24256-DR Datasheet HTML 28Page - STMicroelectronics M24256-DR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
DocID6757 Rev 31
25/39
M24256-BW M24256-BR M24256-BF M24256-DR M24256-DF
DC and AC parameters
38
Table 13. DC characteristics (M24256-BW, device grade 6)
Symbol
Parameter
Test conditions (in addition to those
in Table 6)
Min.
Max.
Unit
ILI
Input leakage current
(SCL, SDA, E2, E1,
E0)
VIN = VSS or VCC, device in Standby
mode
-± 2
µA
ILO
Output leakage
current
SDA in Hi-Z, external voltage applied
on SDA: VSS or VCC
-± 2
µA
ICC
Supply current (Read)
VCC = 2.5 V, fc = 400 kHz
(rise/fall time < 50 ns)
-1
mA
VCC = 5.5 V, fc = 400 kHz
(rise/fall time < 50 ns)
-2
mA
2.5 V ≤VCC ≤ 5.5 V, fc = 1 MHz(1)
(rise/fall time < 50 ns)
1. Only for devices operating at fC max = 1 MHz (see Table 17).
-2.5
mA
ICC0
Supply current (Write)
During tW,
2.5 V ≤ VCC ≤ 5.5 V
-2(2)
2. Characterized value, not tested in production.
mA
ICC1
Standby supply
current
Device not selected(3),
VIN = VSS or VCC, VCC = 2.5 V
3. The device is not selected after power-up, after a Read instruction (after the Stop condition), or after the
completion of the internal write cycle tW (tW is triggered by the correct decoding of a Write instruction).
-2
µA
Device not selected(3),
VIN = VSS or VCC, VCC = 5.5 V
-3
µA
VIL
Input low voltage
(SCL, SDA, WC, E2,
E1, E0)(4)
4. Ei inputs should be tied to Vss (see Section 2.3).
-
–0.45
0.3 VCC
V
VIH
Input high voltage
(SCL, SDA)
-0.7 VCC
6.5
V
Input high voltage
(WC, E2, E1, E0)(5)
5. Ei inputs should be tied to Vcc (see Section 2.3).
-0.7 VCC VCC+0.6
V
VOL
Output low voltage
IOL = 2.1 mA, VCC = 2.5 V or
IOL = 3 mA, VCC = 5.5 V
-0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com