Electronic Components Datasheet Search
  English  ▼

X  

TA449W Datasheet(PDF) 11 Page - Dynex Semiconductor

Part # TA449W
Description  Asymmetric Thyristor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

TA449W Datasheet(HTML) 11 Page - Dynex Semiconductor

Back Button TA449W Datasheet HTML 4Page - Dynex Semiconductor TA449W Datasheet HTML 5Page - Dynex Semiconductor TA449W Datasheet HTML 6Page - Dynex Semiconductor TA449W Datasheet HTML 7Page - Dynex Semiconductor TA449W Datasheet HTML 8Page - Dynex Semiconductor TA449W Datasheet HTML 9Page - Dynex Semiconductor TA449W Datasheet HTML 10Page - Dynex Semiconductor TA449W Datasheet HTML 11Page - Dynex Semiconductor TA449W Datasheet HTML 12Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TA449..W
11/12
PACKAGE DETAILS
For further package information, please contact your local Customer Service Centre. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
6.3
Cathode tab
Gate
Ø1.5
Ø19nom
2 holes 3.6 x 2.0 deep
(in both electrodes)
Cathode
Anode
Ø19nom
Ø 42 max
Ø 38 max
Nominal weight: 50g
Clamping force: 3.5kN
±10%
Lead length: 250mm
Package outine type code: MU86
ASSOCIATED PUBLICATIONS
Title
Application Note
Number
Calculating the junction temperature or power semiconductors
AN4506
Gate triggering and the use of gate characteristics
AN4840
Recommendations for clamping power semiconductors
AN4839
The effect of temperature on thyristor performance
AN4870
Thyristor and diode measurement with a multi-meter
AN4853
Turn-on performance of thyristors in parallel
AN4999
Use of V
TO
, r
T
on-state characteristic
AN5001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com