Electronic Components Datasheet Search
  English  ▼

X  

TF913 Datasheet(PDF) 12 Page - Dynex Semiconductor

Part # TF913
Description  Fast Switching Thyristor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

TF913 Datasheet(HTML) 12 Page - Dynex Semiconductor

Back Button TF913 Datasheet HTML 5Page - Dynex Semiconductor TF913 Datasheet HTML 6Page - Dynex Semiconductor TF913 Datasheet HTML 7Page - Dynex Semiconductor TF913 Datasheet HTML 8Page - Dynex Semiconductor TF913 Datasheet HTML 9Page - Dynex Semiconductor TF913 Datasheet HTML 10Page - Dynex Semiconductor TF913 Datasheet HTML 11Page - Dynex Semiconductor TF913 Datasheet HTML 12Page - Dynex Semiconductor TF913 Datasheet HTML 13Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
TF913..C
12/13
PACKAGE DETAILS - MU169
For further package information, please contact your local Customer Service Centre. All dimensions in mm, unless stated otherwise.
DO NOT SCALE.
Cathode
Anode
Ø46 min
Ø68 max
Gate
Ø1.5
2 holes Ø3.6 x 2.1 approx (one in each electrode)
Cathode tab
Ø74 max
Ø46 min
Nominal weight: 500g
Clamping force: 23.5kN
±10%
Lead length: 250mm
Package outine type code: MU169
ASSOCIATED PUBLICATIONS
Title
Application Note
Number
Calculating the junction temperature or power semiconductors
AN4506
Gate triggering and the use of gate characteristics
AN4840
Recommendations for clamping power semiconductors
AN4839
The effect of temperature on thyristor performance
AN4870
Thyristor and diode measurement with a multi-meter
AN4853
Turn-on performance of thyristors in parallel
AN4999
Use of V
TO
, r
T
on-state characteristic
AN5001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com