Electronic Components Datasheet Search
  English  ▼

X  

TK12 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # TK12
Description  Phase Control Thyristor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

TK12 Datasheet(HTML) 1 Page - Dynex Semiconductor

  TK12 Datasheet HTML 1Page - Dynex Semiconductor TK12 Datasheet HTML 2Page - Dynex Semiconductor TK12 Datasheet HTML 3Page - Dynex Semiconductor TK12 Datasheet HTML 4Page - Dynex Semiconductor TK12 Datasheet HTML 5Page - Dynex Semiconductor TK12 Datasheet HTML 6Page - Dynex Semiconductor TK12 Datasheet HTML 7Page - Dynex Semiconductor TK12 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
TK12
www.dynexsemi.com
FEATURES
s High Surge Capability
APPLICATIONS
s High Power Drives
s High Voltage Power Supplies
s DC Motor Control
s Welding
s Battery Chargers
VOLTAGE RATINGS
ORDERING INFORMATION
When ordering, select the required part number shown in the
Voltage Ratings selection table, then:-
Add K to type number for 1/2" 20 UNF thread, e.g. TK12 18K.
or
Add M to type number for M12 thread, e.g. TK12 14M.
Note: Please use the complete part number when ordering and
quote this number in any future correspondance relating to your
order.
KEY PARAMETERS
V
DRM
2000V
I
T(AV)
75A
I
TSM
1400A
dVdt*
200V/
µs
dI/dt
500A/
µs
*Higher dV/dt selections available
TK12
Phase Control Thyristor
Advance Information
Replaces January 2000 version, DS4252-4.0
DS4252-5.0 July 2001
TK12 20 M or K
TK12 18 M or K
TK12 16 M or K
TK12 14 M or K
Conditions
T
vj = 0˚ to 125˚C,
I
DRM = IRRM = 100mA,
V
DRM, VRRM tp = 10ms,
V
DSM & VRSM =
V
DRM & VRRM + 100V
Respectively
Lower voltage grades available.
Type Number
Repetitive Peak
Voltages
V
DRM VRRM
V
2000
1800
1600
1400
Fig. 1 Package outline
Outline type code: TO94.
See Package Details for further information.


Similar Part No. - TK12

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TK12.5A TOPSTEK-TK12.5A Datasheet
110Kb / 3P
Topstek Current Transducer
logo
List of Unclassifed Man...
TK121 ETC2-TK121 Datasheet
166Kb / 2P
Low TC Precision Radial-Lead Film Resistors
logo
Caddock Electronics, In...
TK121 CADDOCK-TK121 Datasheet
547Kb / 2P
Type TK Low TC Precision Radial-Lead Film Resistors
logo
Toshiba Semiconductor
TK125A60Z1 TOSHIBA-TK125A60Z1 Datasheet
488Kb / 9P
MOSFETs Silicon N-Channel MOS
2024-02-27 Rev.3.0
TK125E60Z1 TOSHIBA-TK125E60Z1 Datasheet
527Kb / 9P
MOSFETs Silicon N-Channel MOS
2024-07-25 Rev.2.0
More results

Similar Description - TK12

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMT-25 SEMPO-SMT-25 Datasheet
49Kb / 1P
Phase Control Thyristor
SMT-100 SEMPO-SMT-100 Datasheet
38Kb / 1P
Phase Control Thyristor
SMTC3-3500 SEMPO-SMTC3-3500 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-3000 SEMPO-SMTC2-3000 Datasheet
61Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1800F SEMPO-SMTC2-1800F Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMTC2-1500 SEMPO-SMTC2-1500 Datasheet
59Kb / 1P
PHASE CONTROL THYRISTOR
SMT-200 SEMPO-SMT-200 Datasheet
38Kb / 1P
Phase Control Thyristor
SMT-300 SEMPO-SMT-300 Datasheet
40Kb / 1P
Phase Control Thyristor
SMTC1-800 SEMPO-SMTC1-800 Datasheet
56Kb / 1P
Phase Control Thyristor
SMTC2-600 SEMPO-SMTC2-600 Datasheet
56Kb / 1P
Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com