Electronic Components Datasheet Search
  English  ▼

X  

SMBJ50CA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SMBJ50CA
Description  600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMBJ50CA Datasheet(HTML) 2 Page - Diodes Incorporated

  SMBJ50CA Datasheet HTML 1Page - Diodes Incorporated SMBJ50CA Datasheet HTML 2Page - Diodes Incorporated SMBJ50CA Datasheet HTML 3Page - Diodes Incorporated SMBJ50CA Datasheet HTML 4Page - Diodes Incorporated SMBJ50CA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMBJ5.0(C)A - SMBJ170(C)A
Document number: DS19002 Rev. 17 - 2
2 of 5
www.diodes.com
June 2009
© Diodes Incorporated
SMBJ5.0(C)A - SMBJ170(C)A
Electrical Characteristics @TA = 25°C unless otherwise specified
Part Number
Add C For Bi-
Directional
(Note 6)
Reverse
Standoff
Voltage
Breakdown
Voltage
VBR @ IT (Note 7)
Test
Current
Max. Reverse
Leakage @ VRWM
(Note 8)
Max. Clamping
Voltage @ Ipp
Max. Peak Pulse
Current
Ipp
Marking Code
See Note 4
VRWM (V)
Min (V) Max (V)
IT(mA)
IR (μA)
VC (V)
(A)
BI-
UNI-
SMBJ5.0(C)A
5.0
6.40
7.23
10
800
9.2
65.2
AE
KE
SMBJ6.0(C)A
6.0
6.67
7.67
10
800
10.3
58.3
AG
KG
SMBJ6.5(C)A
6.5
7.22
8.30
10
500
11.2
53.6
AK
KK
SMBJ7.0(C)A
7.0
7.78
8.95
10
200
12.0
50.0
AM
KM
SMBJ7.5(C)A
7.5
8.33
9.58
1.0
100
12.9
46.5
AP
KP
SMBJ8.0(C)A
8.0
8.89
10.23
1.0
50
13.6
44.1
AR
KR
SMBJ8.5(C)A
8.5
9.44
10.82
1.0
10
14.4
41.7
AT
KT
SMBJ9.0(C)A
9.0
10.00
11.50
1.0
5.0
15.4
39.0
AV
KV
SMBJ10(C)A
10.0
11.10
12.80
1.0
5.0
17.0
35.3
AX
KX
SMBJ11(C)A
11.0
12.20
14.40
1.0
5.0
18.2
33.0
AZ
KZ
SMBJ12(C)A
12.0
13.30
15.30
1.0
5.0
19.9
30.2
BE
LE
SMBJ13(C)A
13.0
14.40
16.50
1.0
5.0
21.5
27.9
BG
LG
SMBJ14(C)A
14.0
15.60
17.90
1.0
5.0
23.2
25.8
BK
LK
SMBJ15(C)A
15.0
16.70
19.20
1.0
5.0
24.4
24.0
BM
LM
SMBJ16(C)A
16.0
17.80
20.50
1.0
5.0
26.0
23.1
BP
LP
SMBJ17(C)A
17.0
18.90
21.70
1.0
5.0
27.6
21.7
BR
LR
SMBJ18(C)A
18.0
20.00
23.30
1.0
5.0
29.2
20.5
BT
LT
SMBJ20(C)A
20.0
22.20
25.50
1.0
5.0
32.4
18.5
BV
LV
SMBJ22(C)A
22.0
24.40
28.00
1.0
5.0
35.5
16.9
BX
LX
SMBJ24(C)A
24.0
26.70
30.70
1.0
5.0
38.9
15.4
BZ
LZ
SMBJ26(C)A
26.0
28.90
33.20
1.0
5.0
42.1
14.2
CE
ME
SMBJ28(C)A
28.0
31.10
35.80
1.0
5.0
45.4
13.2
CG
MG
SMBJ30(C)A
30.0
33.30
38.30
1.0
5.0
48.4
12.4
CK
MK
SMBJ33(C)A
33.0
36.70
42.20
1.0
5.0
53.3
11.3
CM
MM
SMBJ36(C)A
36.0
40.00
46.00
1.0
5.0
58.1
10.3
CP
MP
SMBJ40(C)A
40.0
44.40
51.10
1.0
5.0
64.5
9.3
CR
MR
SMBJ43(C)A
43.0
47.80
54.90
1.0
5.0
69.4
8.6
CT
MT
SMBJ45(C)A
45.0
50.00
57.50
1.0
5.0
72.7
8.3
CV
MV
SMBJ48(C)A
48.0
53.30
61.30
1.0
5.0
77.4
7.7
CX
MX
SMBJ51(C)A
51.0
56.70
65.20
1.0
5.0
82.4
7.3
CZ
MZ
SMBJ54(C)A
54.0
60.00
69.00
1.0
5.0
87.1
6.9
DE
NE
SMBJ58(C)A
58.0
64.40
74.60
1.0
5.0
93.6
6.4
DG
NG
SMBJ60(C)A
60.0
66.70
76.70
1.0
5.0
96.8
6.2
DK
NK
SMBJ64(C)A
64.0
71.10
81.80
1.0
5.0
103.0
5.8
DM
NM
SMBJ70(C)A
70.0
77.80
89.50
1.0
5.0
113.0
5.3
DP
NP
SMBJ75(C)A
75.0
83.30
95.80
1.0
5.0
121.0
4.9
DR
NR
SMBJ78(C)A
78.0
86.70
99.70
1.0
5.0
126.0
4.7
DT
NT
SMBJ85(C)A
85.0
94.40
108.20
1.0
5.0
137.0
4.4
DV
NV
SMBJ90(C)A
90.0
100.0
115.50
1.0
5.0
146.0
4.1
DX
NX
SMBJ100(C)A
100.0
111.0
128.00
1.0
5.0
162.0
3.7
DZ
NZ
SMBJ110(C)A
110.0
122.0
140.00
1.0
5.0
177.0
3.4
EE
PE
SMBJ120(C)A
120.0
133.0
153.00
1.0
5.0
193.0
3.1
EG
PG
SMBJ130(C)A
130.0
144.0
165.50
1.0
5.0
209.0
2.9
EK
PK
SMBJ150(C)A
150.0
167.0
192.50
1.0
5.0
243.0
2.5
EM
PM
SMBJ160(C)A
160.0
178.0
205.00
1.0
5.0
259.0
2.3
EP
PP
SMBJ170(C)A
170.0
189.0
217.50
1.0
5.0
275.0
2.2
ER
PR
Notes:
6. Suffix C denotes Bi-directional device.
7. VBR measured with IT current pulse = 300μs
8. For Bi-Directional devices having VRWM of 10V and under, the IR is doubled.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com