Electronic Components Datasheet Search
  English  ▼

X  

TV18 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # TV18
Description  Fast Recovery Diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

TV18 Datasheet(HTML) 1 Page - Dynex Semiconductor

  TV18 Datasheet HTML 1Page - Dynex Semiconductor TV18 Datasheet HTML 2Page - Dynex Semiconductor TV18 Datasheet HTML 3Page - Dynex Semiconductor TV18 Datasheet HTML 4Page - Dynex Semiconductor TV18 Datasheet HTML 5Page - Dynex Semiconductor TV18 Datasheet HTML 6Page - Dynex Semiconductor TV18 Datasheet HTML 7Page - Dynex Semiconductor TV18 Datasheet HTML 8Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TV18..F
1/8
APPLICATIONS
s Induction Heating
s A.C. Motor Drives
s Snubber Diode
s Welding
s High Frequency Rectification
s UPS
FEATURES
s Thermal Fatigue Free Pressure Contact
s High Surge Capability
s Low Recovery Charge
VOLTAGE RATINGS
KEY PARAMETERS
V
RRM
2500V
I
F(AV)
200A
I
FSM
3500A
Q
r
240
µC
t
rr
2.0
µs
2500
2400
2200
2000
TV18 25F M or K
TV18 24F M or K
TV18 22F M or K
TV18 20F M or K
Conditions
V
RSM
= V
RRM
+ 100V
For 3/4" 16 UNF thread, add suffix K, e.g. TV18 25FK.
For M16 thread, add suffix M, e.g. TV18 25FM.
For stud anode add 'R' to type number, e.g. TV18 25FMR.
Type Number
Repetitive Peak
Reverse Voltage
V
RRM
V
Outline type codes: DO9.
See Package Details for further information.
CURRENT RATINGS
Symbol
Parameter
Conditions
Units
Max.
I
F(AV)
Mean forward current
I
F(RMS)
RMS value
Half wave resistive load, T
case = 65
oC
200
A
T
case = 65
oC
320
A
TV18..F
Fast Recovery Diode
Replaces March 1998 version, DS4211-2.2
DS4211-3.0 January 2000


Similar Part No. - TV18

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
TV1840-3R0606-R EATON-TV1840-3R0606-R Datasheet
494Kb / 5P
Cylindrical cells
TV1860-3R0107-R EATON-TV1860-3R0107-R Datasheet
494Kb / 5P
Cylindrical cells
More results

Similar Description - TV18

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com